Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2310 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2310
Description  2A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2310 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Outline Dimensions
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2310
2A Low Noise Step-Down DC-DC Converter
SOP-8
04/2011 Rev1.0
B
G
H
E
D
J
K
DIMENSIONS
Millimeters
R EF
Min
Max
A
5.80
6.20
B
4.80
5.00
C
3.80
4.00
D
0º
8º
E
0.40
0.90
F
0.19
0.25
M
0.10
0.25
H
0.35
0.49
L
1.35
1.75
J
0.375 REF
K
45º
G
1.27 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com