Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F690IP Datasheet(PDF) 216 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 216 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 212Page - Microchip Technology PIC16F690IP Datasheet HTML 213Page - Microchip Technology PIC16F690IP Datasheet HTML 214Page - Microchip Technology PIC16F690IP Datasheet HTML 215Page - Microchip Technology PIC16F690IP Datasheet HTML 216Page - Microchip Technology PIC16F690IP Datasheet HTML 217Page - Microchip Technology PIC16F690IP Datasheet HTML 218Page - Microchip Technology PIC16F690IP Datasheet HTML 219Page - Microchip Technology PIC16F690IP Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 214
© 2008 Microchip Technology Inc.
14.6
Power-Down Mode (Sleep)
The Power-down mode is entered by executing a
SLEEP
instruction.
If the Watchdog Timer is enabled:
• WDT will be cleared but keeps running.
•PD bit in the STATUS register is cleared.
•TO bit is set.
• Oscillator driver is turned off.
• I/O ports maintain the status they had before
SLEEP
was executed (driving high, low or high-
impedance).
For lowest current consumption in this mode, all I/O pins
should be either at VDD or VSS, with no external circuitry
drawing current from the I/O pin and the comparators
and CVREF should be disabled. I/O pins that are high-
impedance inputs should be pulled high or low externally
to avoid switching currents caused by floating inputs.
The T0CKI input should also be at VDD or VSS for lowest
current consumption. The contribution from on-chip pull-
ups on PORTA should be considered.
The MCLR pin must be at a logic high level.
14.6.1
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin.
2.
Watchdog Timer Wake-up (if WDT was enabled).
3.
Interrupt from RA2/INT pin, PORTA change or a
peripheral interrupt.
The first event will cause a device Reset. The two latter
events are considered a continuation of program exe-
cution. The TO and PD bits in the STATUS register can
be used to determine the cause of device Reset. The
PD bit, which is set on power-up, is cleared when Sleep
is invoked. TO bit is cleared if WDT Wake-up occurred.
The following peripheral interrupts can wake the device
from Sleep:
1.
TMR1 interrupt. Timer1 must be operating as an
asynchronous counter.
2.
ECCP Capture mode interrupt.
3.
A/D conversion (when A/D clock source is FRC).
4.
EEPROM write operation completion.
5.
Comparator output changes state.
6.
Interrupt-on-change.
7.
External Interrupt from INT pin.
8.
EUSART Break detect, I2C slave.
Other peripherals cannot generate interrupts since
during Sleep, no on-chip clocks are present.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be set (enabled). Wake-up
occurs regardless of the state of the GIE bit. If the GIE
bit is clear (disabled), the device continues execution at
the instruction after the SLEEP instruction. If the GIE bit
is set (enabled), the device executes the instruction
after the SLEEP instruction, then branches to the inter-
rupt address (0004h). In cases where the execution of
the instruction following SLEEP is not desirable, the
user should have a NOP after the SLEEP instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.
14.6.2
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source has both its interrupt enable bit
and interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP
instruction, the SLEEP instruction will
complete as a NOP. Therefore, the WDT and WDT
prescaler and postscaler (if enabled) will not be
cleared, the TO bit will not be set and the PD bit
will not be cleared.
• If the interrupt occurs during or after the execu-
tion of a SLEEP instruction, the device will imme-
diately wake-up from Sleep. The SLEEP
instruction will be completely executed before the
wake-up. Therefore, the WDT and WDT prescaler
and postscaler (if enabled) will be cleared, the TO
bit will be set and the PD bit will be cleared.
Even if the flag bits were checked before executing a
SLEEP
instruction, it may be possible for flag bits to
become set before the SLEEP instruction completes. To
determine whether a SLEEP instruction executed, test
the PD bit. If the PD bit is set, the SLEEP instruction
was executed as a NOP.
To ensure that the WDT is cleared, a CLRWDT instruction
should be executed before a SLEEP instruction.
Note:
It should be noted that a Reset generated
by a WDT time-out does not drive MCLR
pin low.
Note:
If the global interrupts are disabled (GIE is
cleared), but any interrupt source has both
its interrupt enable bit and the corresponding
interrupt flag bits set, the device will
immediately wake-up from Sleep. The
SLEEP
instruction is completely executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com