Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F690IP Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 213Page - Microchip Technology PIC16F690IP Datasheet HTML 214Page - Microchip Technology PIC16F690IP Datasheet HTML 215Page - Microchip Technology PIC16F690IP Datasheet HTML 216Page - Microchip Technology PIC16F690IP Datasheet HTML 217Page - Microchip Technology PIC16F690IP Datasheet HTML 218Page - Microchip Technology PIC16F690IP Datasheet HTML 219Page - Microchip Technology PIC16F690IP Datasheet HTML 220Page - Microchip Technology PIC16F690IP Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 215
PIC16F631/677/685/687/689/690
FIGURE 14-10:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
14.7
Code Protection
If the code protection bit(s) have not been
programmed, the on-chip program memory can be
read out using ICSP™ for verification purposes.
14.8
ID Locations
Four memory locations (2000h-2003h) are designated
as ID locations where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution but are
readable and writable during Program/Verify mode.
Only the Least Significant 7 bits of the ID locations are
used.
14.9
In-Circuit Serial Programming
The PIC16F631/677/685/687/689/690 microcontrollers
can be serially programmed while in the end applica-
tion circuit. This is simply done with two lines for clock
and data and three other lines for:
• power
• ground
• programming voltage
This allows customers to manufacture boards with
unprogrammed devices and then program the micro-
controller just before shipping the product. This also
allows the most recent firmware or a custom firmware
to be programmed.
The device is placed into a Program/Verify mode by
holding the RA0/AN0/C1IN+/ICSPDAT/ULPWU and
RA1/AN1/C12IN-/VREF/ICSPCLK pins low, while rais-
ing the MCLR (VPP) pin from VIL to VIHH. See the
“PIC12F6XX/16F6XX Memory Programming Specifi-
cation” (DS41204) for more information. RA0 becomes
the programming data and RA1 becomes the
programming clock. Both RA0 and RA1 are Schmitt
Trigger inputs in this mode.
After Reset, to place the device into Program/Verify
mode, the Program Counter (PC) is at location 00h. A
6-bit command is then supplied to the device.
Depending on the command, 14 bits of program data
are then supplied to or from the device, depending on
whether the command was a load or a read. For
complete details of serial programming, please refer to
the
“PIC12F6XX/16F6XX
Memory
Programming
Specification” (DS41204).
A typical In-Circuit Serial Programming connection is
shown in Figure 14-11.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT(4)
INT pin
INTF flag
(INTCON<1>)
GIE bit
(INTCON<7>)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 2
Inst(PC) = Sleep
Inst(PC – 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency(3)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy Cycle
PC + 2
0004h
0005h
Dummy Cycle
TOST(2)
PC + 2
Note 1:
XT, HS or LP Oscillator mode assumed.
2:
TOST = 1024 TOSC (drawing not to scale). This delay does not apply to EC and RC Oscillator modes.
3:
GIE = 1 assumed. In this case after wake-up, the processor jumps to 0004h. If GIE = 0, execution will continue in-line.
4:
CLKOUT is not available in XT, HS, LP or EC Oscillator modes, but shown here for timing reference.
Note:
The entire data EEPROM and Flash
program memory will be erased when the
code protection is switched from on to off.
See the “PIC12F6XX/16F6XX Memory
Programming Specification” (DS41204)
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com