Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F690IP Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 185Page - Microchip Technology PIC16F690IP Datasheet HTML 186Page - Microchip Technology PIC16F690IP Datasheet HTML 187Page - Microchip Technology PIC16F690IP Datasheet HTML 188Page - Microchip Technology PIC16F690IP Datasheet HTML 189Page - Microchip Technology PIC16F690IP Datasheet HTML 190Page - Microchip Technology PIC16F690IP Datasheet HTML 191Page - Microchip Technology PIC16F690IP Datasheet HTML 192Page - Microchip Technology PIC16F690IP Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 187
PIC16F631/677/685/687/689/690
13.8
Sleep Operation
In Master mode, all module clocks are halted and the
transmission/reception will remain in that state until the
device wakes from Sleep. After the device returns to
Normal mode, the module will continue to transmit/
receive data.
In Slave mode, the SPI Transmit/Receive Shift register
operates asynchronously to the device. This allows the
device to be placed in Sleep mode and data to be
shifted into the SPI Transmit/Receive Shift register.
When all 8 bits have been received, the SSP interrupt
flag bit will be set and if enabled, will wake the device
from Sleep.
13.9
Effects of a Reset
A Reset disables the SSP module and terminates the
current transfer.
13.10 Bus Mode Compatibility
Table 13-1 shows the compatibility between the
standard SPI modes and the states of the CKP and
CKE control bits.
TABLE 13-1:
SPI BUS MODES
There is also a SMP bit which controls when the data is
sampled.
TABLE 13-2:
REGISTERS ASSOCIATED WITH SPI OPERATION(1)
Standard SPI Mode
Terminology
Control Bits State
CKP
CKE
0
, 00
1
0
, 10
0
1
, 01
1
1
, 11
0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
Resets
0Bh/8Bh/
10Bh/18Bh
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF
0000 000x
0000 000x
0Ch
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
-000 0000
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
0000 0000
86h/186h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
1111 ----
87h/187h
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
8Ch
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
-000 0000
94h
SSPSTAT
SMP
CKE
D/A
P
S
R/W
UA
BF
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the SSP in SPI mode.
Note 1:
PIC16F677/PIC16F687/PIC16F689/PIC16F690 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com