Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F690IP Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 186Page - Microchip Technology PIC16F690IP Datasheet HTML 187Page - Microchip Technology PIC16F690IP Datasheet HTML 188Page - Microchip Technology PIC16F690IP Datasheet HTML 189Page - Microchip Technology PIC16F690IP Datasheet HTML 190Page - Microchip Technology PIC16F690IP Datasheet HTML 191Page - Microchip Technology PIC16F690IP Datasheet HTML 192Page - Microchip Technology PIC16F690IP Datasheet HTML 193Page - Microchip Technology PIC16F690IP Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 188
© 2008 Microchip Technology Inc.
13.11 SSP I2C Operation
The SSP module in I2C mode, fully implements all slave
functions, except general call support, and provides
interrupts on Start and Stop bits in hardware to facilitate
firmware implementations of the master functions. The
SSP
module
implements
the
Standard
mode
specifications, as well as 7-bit and 10-bit addressing.
Two pins are used for data transfer. These are the RB6/
SCK/SCL pin, which is the clock (SCL), and the RB4/
AN10/SDI/SDA pin, which is the data (SDA).
The SSP module functions are enabled by setting SSP
enable bit SSPEN (SSPCON<5>).
FIGURE 13-7:
SSP BLOCK DIAGRAM
(I2C™ MODE)
The SSP module has six registers for the I2C operation,
which are listed below.
• SSP Control register (SSPCON)
• SSP Status register (SSPSTAT)
• Serial Receive/Transmit Buffer (SSPBUF)
• SSP Shift register (SSPSR) – Not directly
accessible
• SSP Address register (SSPADD)
• SSP Mask register (SSPMSK)
The SSPCON register allows control of the I2C
operation. Four mode selection bits (SSPCON<3:0>)
allow one of the following I2C modes to be selected:
•I2C Slave mode (7-bit address)
•I2C Slave mode (10-bit address)
•I2C Slave mode (7-bit address), with Start and
Stop bit interrupts enabled to support Firmware
Master mode
•I2C Slave mode (10-bit address), with Start and
Stop bit interrupts enabled to support Firmware
Master mode
•I2C Start and Stop bit interrupts enabled to
support Firmware Master mode; Slave is idle
Selection of any I2C mode with the SSPEN bit set
forces the SCL and SDA pins to be open drain,
provided these pins are programmed to inputs by
setting the appropriate TRISB bits. Pull-up resistors
must be provided externally to the SCL and SDA pins
for proper operation of the I2C module.
13.12 Slave Mode
In Slave mode, the SCL and SDA pins must be
configured as inputs (TRISB<6,4> are set). The SSP
module will override the input state with the output data
when required (slave-transmitter).
When an address is matched, or the data transfer after
an address match is received, the hardware
automatically will generate the Acknowledge (ACK)
pulse, and then load the SSPBUF register with the
received value currently in the SSPSR register.
There are certain conditions that will cause the SSP
module not to give this ACK pulse. They include (either
or both):
a) The Buffer Full bit BF of the SSPSTAT register
was set before the transfer was received.
b) The overflow bit SSPOV of the SSPCON
register was set before the transfer was
received.
In this case, the SSPSR register value is not loaded
into the SSPBUF, but bit SSPIF of the PIR1 register is
set. Table 13-3 shows the results of when a data
transfer byte is received, given the status of bits BF and
SSPOV. The shaded cells show the condition where
user software did not properly clear the overflow
condition. Flag bit BF is cleared by reading the
SSPBUF register, while bit SSPOV is cleared through
software.
The SCL clock input must have a minimum high and low
for proper operation. For high and low times of the I2C
specification, as well as the requirements of the SSP
module, see Section 17.0 “Electrical Specifications”.
Read
Write
SSPSR Reg
Match Detect
SSPADD Reg
Start and
Stop bit Detect
SSPBUF Reg
Internal
Data Bus
Addr Match
Set, Reset
S, P bits
(SSPSTAT Reg)
RB6/
RB4/
Shift
Clock
MSb
AN10/
LSb
SDI/SDA
SCL
SCK/
SSPMSK Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com