Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8803 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8803 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Key Features
Applications
3W Output at 10% THD with a 4
Load and
5V Power Supply
Filterless, Low Quiescent Current and Low
EMI
Low THD+N
64-step Digital Volume Control
Superior Low Noise
Low pop noise
Efficiency up to 90%
Short Circuit Protection
Thermal Shutdown
Few External Components to Save Space
and Cost
LCD Monitors/TV Projectors
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
Cellular Phones/Speaker Phones
directly
It can extend the battery life,
ideal for portable applications.
Ω
n
n
n
n
n
General Description
The PAM8803 is a 3W, class-D audio amplifier
with 64-step digital volume control. It offers low
THD+N, allowing it to produce high-quality sound
reproduction. The new filterless architecture
allows the device to drive the speaker
,
without needing low-pass output filters which will
save 30% system cost and 75% PCB area.
With the same numbers of external components,
the efficiency of the PAM8803 is much better than
class-AB cousins.
The PAM8803 is available in a SSOP-24 package.
,
n
n
n
n
n
n
n
n
n
n
n Pb-Free Package
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
1
www.poweranalog.com
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
Output Pow er(W)
RL=8Ω
RL=4Ω
Efficiency vs Output Power
Typical Application
VDD
-OUT_L
PGND
PGND
+OUT_L
PVDD
PVDD
PGND PGND
+OUT_R
-OUT_R
MUTE
INL
INR
GND
SHDN
NCNCNCNC
VREF
DN
UP
RST
PAM8803
7
C1
1μF
VD D
C2 1μF
C3 10μF
C4
10μF
C5
1μF
PVDD
PVDD
5
20
SP_L
SP_R
23
18
22
23
911 12 16
4
1
21
24
C6
0.47μF
C7
0.47μF
IN L
INR
C8 1μF
MUTE
SHDN
S1
S2
S3
6
19
15
13
14
10
817
FCC Class B Limit
Radiated Emissions
,
Power Analog Microelectronics Inc
MUTE
ON
SHDN
ON
12/2009 Rev 1.4


Similar Part No. - PAM8803

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001NHR PAM-PAM8001NHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001NHR DIODES-PAM8001NHR Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001XHR PAM-PAM8001XHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
More results

Similar Description - PAM8803

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com