Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8803 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8803
Description  3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8803 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8803 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8803 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Most applications require a ferrite bead filter
which shows at Figure 3. The ferrite filter
reduces EMI around 1 MHz and higher. When
selecting a ferrite bead, choose one with high
impedance a t high frequencies, but low
impedance at low frequencies.
Figure 3: Ferrite Bead Filter to reduce EMI
At
this
stage
it
is
paramount
that
we
acknowledge the need for separate grounds.
Noise currents in the output power stage need to
be returned to output noise ground and nowhere
else. Were these currents to circulate elsewhere,
they may get into the power supply, the signal
ground, etc, worse yet, they may form a loop and
radiate noise. Any of these instances results in
degraded amplifier performance. The logical
returns for the output noise currents associated
with Class D switching are the respective PGND
pins for each channel. The switch state diagram
illustrates that PGND is instrumental in nearly
every switch state. This is the perfect point to
which the output noise ground trace should
return. Also note that output noise ground is
channel specific. A two channels amplifier has
two
m utually
exclusive
c hannels
and
consequently must have two mutually exclusive
output noise ground traces. The layout of the
PAM8803 offers separate PGND connections for
each channel and in some cases each side of the
bridge. Output noise grounds must tie to system
ground at the power in exclusively. Signal
currents for the inputs, reference, etc need to be
returned to quite ground. This ground only ties to
the signal components and the GND pin. GND
then ties to system ground.
As same to the ground, VDD and each channel
PVDD need to be separated and tied together at
the system power supply. Recommend that all
the trace could be routed as short and thick as
possible. For the power line layout, just imagine
water stream, any barricade placed in the trace
(shows in figure 4) could result in the bad
performance of the amplifier.
Figure 4
The power supply decoupling capacitors need to
be placed as close to VDD and PVDD pins as
possible. The inputs need to be routed away from
the noisy trace. The VREF bypass capacitor also
needs to be close to the pin of IC very much.
PCB Layout Guidelines
Grounding
Power Supply Line
Components Placement
11
220pF
220pF
OUT+
OUT-
Ferrite Bead
Ferrite Bead
,
Power Analog Microelectronics Inc
www.poweranalog.com
Figure 5: Layout Example
PCB Top Layer
PCB Bottom Layer
PAM8803
3W Filterless Stereo Class-D Audio Amplifier
with Digital Volume Control
12/2009 Rev 1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com