Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2505IRGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2505IRGET
Description  Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2505IRGET Datasheet(HTML) 2 Page - Texas Instruments

  TAS2505IRGET Datasheet HTML 1Page - Texas Instruments TAS2505IRGET Datasheet HTML 2Page - Texas Instruments TAS2505IRGET Datasheet HTML 3Page - Texas Instruments TAS2505IRGET Datasheet HTML 4Page - Texas Instruments TAS2505IRGET Datasheet HTML 5Page - Texas Instruments TAS2505IRGET Datasheet HTML 6Page - Texas Instruments TAS2505IRGET Datasheet HTML 7Page - Texas Instruments TAS2505IRGET Datasheet HTML 8Page - Texas Instruments TAS2505IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SPKVSS
AVSS
DVSS
AINL
AINR
SPKP
SPKM
HPOUT
RST
SPI_SEL
6
6
SPKVDD
AVDD
LDO_SEL
DAC Signal
Proc.
SPI/I
2C
Control Block
PLL
Interrupt
Control
Primary I
2S
Interface
Pin Muxing / Clock Routing
LDO
POR
Mono 6
' DAC
DVDD
IOVDD
Secondary I
2S
Interface
Dig
Vol
6 dB to +24 dB
(6 dB steps)
-6 dB to +29 dB
and Mute
(1 dB steps)
0 dB to -78 dB
and Mute
(Min 0.5 dB steps)
0 dB to -78 dB
and Mute
(Min 0.5 dB steps)
0 dB to -78 dB and Mute
(Min 0.5 dB steps)
TAS2505
SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 1-1. Simplified Block Diagram
NOTE
This data manual is designed using PDF document-viewing features that allow quick access
to information. For example, performing a global search on "page 0 / register 27" produces
all references to this page and register in a list. This makes is easy to traverse the list and
find all information related to a page and register. Note that the search string must be of the
indicated format. Also, this document includes document hyperlinks to allow the user to find
a document reference. To come back to the original page, click the green left arrow near the
PDF page number at the bottom of the file. The hot-key for this function is alt-left arrow on
the keyboard. Another way to find information is to use the PDF bookmarks.
2
PACKAGE AND SIGNAL DESCRIPTIONS
2.1
Package/Ordering Information
OPERATING
TRANSPORT MEDIA,
PACKAGE
PRODUCT
PACKAGE
TEMPERATURE
ORDERING NUMBER
QUANTITY
DESIGNATOR
RANGE
TAS2505IRGET
Tape and reel, 250
TAS2505
QFN-24
RGE
–40°C to 85°C
TAS2505IRGER
Tape and reel, 3000
2
PACKAGE AND SIGNAL DESCRIPTIONS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com