Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2505IRGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2505IRGET
Description  Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2505IRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2505IRGET Datasheet HTML 3Page - Texas Instruments TAS2505IRGET Datasheet HTML 4Page - Texas Instruments TAS2505IRGET Datasheet HTML 5Page - Texas Instruments TAS2505IRGET Datasheet HTML 6Page - Texas Instruments TAS2505IRGET Datasheet HTML 7Page - Texas Instruments TAS2505IRGET Datasheet HTML 8Page - Texas Instruments TAS2505IRGET Datasheet HTML 9Page - Texas Instruments TAS2505IRGET Datasheet HTML 10Page - Texas Instruments TAS2505IRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TAS2505
www.ti.com
SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
At 25°C, AVDD = 1.8V, IOVDD = 1.8 V, SPKVDD = 3.6 V, DVDD = 1.8 V, fS (audio) = 48 kHz, CODEC_CLKIN = 256 × fS,
PLL = Off
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC OUTPUT TO CLASS-D SPEAKER OUTPUT; LOAD = 8
Ω (DIFFERENTIAL)
BTL measurement, class-D gain = 6 dB, Measured
ICN
Idle channel noise
35.2
μVms
as idle-channel noise, A-weighted(1) (2)
BTL measurement, class-D gain = 6 dB, -3dBFS
Output voltage
1.4
Vrms
input
BTL measurement, DAC input = –6 dBFS, class-D
THD+N
Total harmonic distortion + noise
–73.6
dB
gain = 6 dB
SPKVDD = 3.6 V, BTL measurement, CM = 0.9V,
0.7
class-D gain = 18 dB, THD = 10%
SPKVDD = 4.2 V, BTL measurement, CM = 0.9V,
1
class-D gain = 18 dB, THD = 10%
SPKVDD = 5.5 V, BTL measurement, CM = 0.9V,
1.7
class-D gain = 18 dB, THD = 10%
PO
Maximum output power
W
SPKVDD = 3.6 V, BTL measurement, CM = 0.9V,
0.5
class-D gain = 18 dB, THD = 1%
SPKVDD = 4.2 V, BTL measurement, CM = 0.9V,
0.8
class-D gain = 18 dB, THD = 1%
SPKVDD = 5.5 V, BTL measurement, CM = 0.9V,
1.3
class-D gain = 18 dB, THD = 1%
ANALOG BYPASS TO HEADPHONE AMPLIFIER
AC-COUPLED LOAD = 16
Ω (SINGLE-ENDED),
Device Setup
DRIVER GAIN = 0 dB, Input and output common-
mode = 0.9 V, input signal frequency fi = 1kHz
Voltage Gain
Input common-mode = 0.9 V
1
V/V
Gain Error
-1dBFS (446mVrms), 1-kHz input signal
±0.8
dB
Idle channel, IN1L and IN1R ac-shorted to ground,
ICN
Idle channel noise
10.2
μVms
Measured as idle-channel noise, A-weighted(1) (2)
THD+N
Total harmonic distortion + noise
-1 dBFS (446mVrms), 1-kHz input signal
-80.4
dB
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
Copyright © 2013, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
7
Submit Documentation Feedback
Product Folder Links: TAS2505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com