Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498MV Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7498MV
Description  100-watt mono BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498MV Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7498MV Datasheet HTML 15Page - STMicroelectronics TDA7498MV Datasheet HTML 16Page - STMicroelectronics TDA7498MV Datasheet HTML 17Page - STMicroelectronics TDA7498MV Datasheet HTML 18Page - STMicroelectronics TDA7498MV Datasheet HTML 19Page - STMicroelectronics TDA7498MV Datasheet HTML 20Page - STMicroelectronics TDA7498MV Datasheet HTML 21Page - STMicroelectronics TDA7498MV Datasheet HTML 22Page - STMicroelectronics TDA7498MV Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TDA7498MV
Applications information
Doc ID 16505 Rev 3
19/27
5.2
Mode selection
The three operating modes of the TDA7498MV are set by the two inputs, STBY (pin 20) and
MUTE (pin 21).
Standby mode: all circuits are turned off, very low current consumption.
Mute mode: inputs are connected to ground and the positive and negative PWM
outputs are at 50% duty cycle.
Play mode: the amplifiers are active.
The protection functions of the TDA7498MV are realized by pulling down the voltages of the
STBY and MUTE inputs shown in Figure 19. The input current of the corresponding pins
must be limited to 200 µA.
Figure 19.
Standby and mute circuits
Figure 20.
Turn-on/off sequence for minimizing speaker “pop”
Table 7.
Mode settings
Mode
STBY
MUTE
Standby
L (1)
1.
Drive levels defined in Table 6: Electrical specifications on page 9
X (don’t care)
Mute
H (1)
L
Play
H
H
STBY
MUTE
0 V
3.3 V
C7
2.2 µF
R2
30 k
Ω
Standby
0 V
3.3 V
C15
2.2 µF
R4
30 k
Ω
Mute
TDA7498MV
VCC
STBY
MUTE
Input
Output
Iq
Standby Mute
Play
Mute
Standby
t
t
t
t
t
t
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com