Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498MV Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7498MV
Description  100-watt mono BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498MV Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7498MV Datasheet HTML 18Page - STMicroelectronics TDA7498MV Datasheet HTML 19Page - STMicroelectronics TDA7498MV Datasheet HTML 20Page - STMicroelectronics TDA7498MV Datasheet HTML 21Page - STMicroelectronics TDA7498MV Datasheet HTML 22Page - STMicroelectronics TDA7498MV Datasheet HTML 23Page - STMicroelectronics TDA7498MV Datasheet HTML 24Page - STMicroelectronics TDA7498MV Datasheet HTML 25Page - STMicroelectronics TDA7498MV Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Applications information
TDA7498MV
22/27
Doc ID 16505 Rev 3
5.6
Output low-pass filter
To avoid EMI problems, it may be necessary to use a low-pass filter before the speaker. The
cut-off frequency should be larger than 22 kHz and much lower than the output switching
frequency. It is necessary to choose the L and C component values depending on the
loudspeaker impedance. Some typical values, which give a cut-off frequency of 27 kHz, are
shown in Figure 23 and Figure 24 below.
Figure 23.
Typical LC filter for a 8-
Ω speaker
Figure 24.
Typical LC filter for a 6-
Ω speaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com