Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMM Datasheet(PDF) 2 Page - AVX Corporation

Part # RMM
Description  RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RMM Datasheet(HTML) 2 Page - AVX Corporation

  RMM Datasheet HTML 1Page - AVX Corporation RMM Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
36
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
6.35
(0.250)
MIN.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254
(0.010)
TYP.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.143 (0.045)
1.397 (0.055)
±0.127 (0.005)
TYP.
±0.254 (0.010)
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254 (0.010)
TYP.
0.254 (0.010)
RAD. (TYP.)
1.143 (0.045)
1.397 (0.055)
±0.127 (0.005)
TYP.
±0.254 (0.010)
“M” STYLE LEADS
“K” STYLE LEADS
“N” STYLE LEADS
No. of Leads
Style
A (max.)
B (max.)
C ±.635 (±0.025)
D ±.635 (±0.025)
E (max.)
per side
RMM3
11.4 (0.450)
26.7 (1.050)
12.7 (0.500)
10
RMM4
10.2 (0.400)
10.2 (0.400)
11.2 (0.440)
4
RMM5
6.35 (0.250)
6.35 (0.250)
7.62 (0.300)
3
DIMENSIONS
CAPACITANCE RANGE
millimeters (inches)
See next table
below for maximum
“A” Dimension
For “N” Style Leads: “A” Dimension Plus 1.651 (0.065)
For “K” & “M” Style Leads: “A” Dimension Plus 1.39 (0.055)
AVX STYLE
RMM3
RMM4
RMM5
50V
100V 200V
500V
50V
100V 200V
500V
50V
100V
200V
500V
Height “A”
0.120"
27
15
8.2
3.9
10
4.7
3.3
1.2
3.9
1.8
1.2
0.56
0.240"
56
27
15
6.8
18
8.2
6.8
2.2
6.8
3.3
2.2
1.0
0.360"
82
47
22
12
27
12
10
3.3
12
5.6
3.3
1.6
0.480"
100
56
33
15
39
18
12
4.7
15
6.8
4.7
2.2
0.600"
120
68
39
18
49
22
15
5.6
18
8.2
5.6
2.7
Max Capacitance (μF) Available Versus Style and Height (Diminsion “A”)
RoHS Compliant SMPS Stacked
MLC Capacitors
(SMM Style) Extended Range



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com