Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMM Datasheet(PDF) 1 Page - AVX Corporation

Part # RMM
Description  RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RMM Datasheet(HTML) 1 Page - AVX Corporation

  RMM Datasheet HTML 1Page - AVX Corporation RMM Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
RoHS Compliant SMPS Stacked
MLC Capacitors
(RMM Style) Extended Range
Temperature Coefficient
±15%, 55ºC to +125ºC
Capacitance Test (MIL-STD-202 Method 305)
25ºC, 1.0 ± 0.2 Vrms (open circuit voltage) at 1 kHz
Dissipation Factor 25°C
2.5% Max @ 25ºC, 1.0 ± 0.2 Vrms (open circuit voltage) at 1 kHz
Insulation Resistance 25°C (MIL-STD-202 Method 302)
1000 MΩ μF, whichever is less
Insulation Resistance 125°C (MIL-STD-202 Method 302)
100 MΩ μF, whichever is less
Dielectric Withstanding Voltage 25°C (Flash Test)
250% rated voltage for 5 seconds with 50 mA maximum charging current (500 Volt units @ 750 VDC)
Life Test (1000 hrs)
200% rated voltage for at 125°C (500 Volts units @ 600 VDC)
ELECTRICAL SPECIFICATIONS
GENERAL DESCRIPTION
The RMM series SMPS capacitors incorporate the Super X7R dielectric
material. AVX RMM stacked capacitors offer high dielectric constant (K)
characteristics allowing for an extended capacitance range. The higher
capacitance values in the smaller case sizes reduce the amount of board
space needed to mount these components. The RMM series capacitors
are designed for use in applications ranging from high end DC/DC convert-
ers to general power supplies, telecom networks, snubbers, aerospace
instrumentation panels, hybrid power applications and more.
*Hi-Rel screening for consists of 100% Group A (B Level), Subgroup 1 per MIL-PRF-49470.
RMM4
AVX Style
RMM3
RMM4
RMM5
5
Voltage
50V = 5
100V = 1
200V = 2
500V = 7
C
Temperature
Coefficient
X7R = C
186
Capacitance
Code
(pF - 2 significant
digits + number
of zeros)
1μF = 105
10 μF = 106
100 μF = 107
M
Tolerance
K = ±10%
M = ±20%
A
Test Level
A = Standard
B = Hi-Rel*
K
Leads
N = Straight Lead
K = Leads formed in
M = Leads formed out
120
Height
Max
Dimension “A”
120 = 0.120"
240 = 0.240"
360 = 0.360"
480 = 0.480"
600 = 0.600"
HOW TO ORDER


Similar Part No. - RMM

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
RMM MOBILEMARK-RMM Datasheet
276Kb / 1P
Surface Mount Antennas 1400 MHz
4/2016
RMM-1400-3C-BLK-12 MOBILEMARK-RMM-1400-3C-BLK-12 Datasheet
276Kb / 1P
Surface Mount Antennas 1400 MHz
4/2016
RMM-1400-3C-DTS-12 MOBILEMARK-RMM-1400-3C-DTS-12 Datasheet
276Kb / 1P
Surface Mount Antennas 1400 MHz
4/2016
RMM-1400-3C-GRN-12 MOBILEMARK-RMM-1400-3C-GRN-12 Datasheet
276Kb / 1P
Surface Mount Antennas 1400 MHz
4/2016
RMM-1400-3C-WHT-12 MOBILEMARK-RMM-1400-3C-WHT-12 Datasheet
276Kb / 1P
Surface Mount Antennas 1400 MHz
4/2016
More results

Similar Description - RMM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
RoHS Compliant SMPS Stacked MLC Capacitors
RH21 AVX-RH21 Datasheet
66Kb / 2P
SMPS Capacitors (RH Style)
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
SMPS Stacked MLC Capacitors (SMM Style) Extended Range
SE01 AVX-SE01 Datasheet
92Kb / 2P
SMPS Capacitors (SE Style) Extended Commercial Radial Range
SK01 AVX-SK01 Datasheet
94Kb / 2P
SMPS Capacitors (SK Style) Commercial Radial Range
SM01 AVX-SM01 Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SMX AVX-SMX Datasheet
163Kb / 4P
SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SE053C186KAR AVX-SE053C186KAR Datasheet
112Kb / 2P
SMPS Capacitors Extended Commercial Radial Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com