Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANSA0 Datasheet(PDF) 71 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 71 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 67Page - Microchip Technology ANSA0 Datasheet HTML 68Page - Microchip Technology ANSA0 Datasheet HTML 69Page - Microchip Technology ANSA0 Datasheet HTML 70Page - Microchip Technology ANSA0 Datasheet HTML 71Page - Microchip Technology ANSA0 Datasheet HTML 72Page - Microchip Technology ANSA0 Datasheet HTML 73Page - Microchip Technology ANSA0 Datasheet HTML 74Page - Microchip Technology ANSA0 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 71
PIC16(L)F1946/47
5.4
Two-Speed Clock Start-up Mode
Two-Speed Start-up mode provides additional power
savings by minimizing the latency between external
oscillator start-up and code execution. In applications
that make heavy use of the Sleep mode, Two-Speed
Start-up will remove the external oscillator start-up
time from the time spent awake and can reduce the
overall power consumption of the device. This mode
allows the application to wake-up from Sleep, perform
a few instructions using the INTOSC internal oscillator
block as the clock source and go back to Sleep without
waiting for the external oscillator to become stable.
Two-Speed Start-up provides benefits when the oscil-
lator module is configured for LP, XT, or HS modes.
The Oscillator Start-up Timer (OST) is enabled for
these modes and must count 1024 oscillations before
the oscillator can be used as the system clock source.
If the oscillator module is configured for any mode
other than LP, XT or HS mode, then Two-Speed
Start-up is disabled. This is because the external clock
oscillator does not require any stabilization time after
POR or an exit from Sleep.
If the OST count reaches 1024 before the device
enters Sleep mode, the OSTS bit of the OSCSTAT reg-
ister is set and program execution switches to the
external oscillator. However, the system may never
operate from the external oscillator if the time spent
awake is very short.
5.4.1
TWO-SPEED START-UP MODE
CONFIGURATION
Two-Speed Start-up mode is configured by the
following settings:
• IESO (of the Configuration Words) = 1; Inter-
nal/External Switchover bit (Two-Speed Start-up
mode enabled).
• SCS (of the OSCCON register) = 00.
• FOSC<2:0> bits in the Configuration Words
configured for LP, XT or HS mode.
Two-Speed Start-up mode is entered after:
• Power-on Reset (POR) and, if enabled, after
Power-up Timer (PWRT) has expired, or
• Wake-up from Sleep.
TABLE 5-1:
OSCILLATOR SWITCHING DELAYS
Note:
Executing a SLEEP instruction will abort
the oscillator start-up time and will cause
the OSTS bit of the OSCSTAT register to
remain clear.
Switch From
Switch To
Frequency
Oscillator Delay
Sleep/POR
LFINTOSC(1)
MFINTOSC(1)
HFINTOSC(1)
31 kHz
31.25 kHz-500 kHz
31.25kHz-16MHz
Oscillator Warm-up Delay (TWARM)
Sleep/POR
EC, RC(1)
DC – 32 MHz
2 cycles
LFINTOSC
EC, RC(1)
DC – 32 MHz
1 cycle of each
Sleep/POR
Timer1 Oscillator
LP, XT, HS(1)
32 kHz-20 MHz
1024 Clock Cycles (OST)
Any clock source
MFINTOSC(1)
HFINTOSC(1)
31.25 kHz-500 kHz
31.25kHz-16MHz
2
s (approx.)
Any clock source
LFINTOSC(1)
31 kHz
1 cycle of each
Any clock source
Timer1 Oscillator
32 kHz
1024 Clock Cycles (OST)
PLL inactive
PLL active
16-32 MHz
2 ms (approx.)
Note 1:
PLL inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com