Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANSA0 Datasheet(PDF) 82 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 82 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 78Page - Microchip Technology ANSA0 Datasheet HTML 79Page - Microchip Technology ANSA0 Datasheet HTML 80Page - Microchip Technology ANSA0 Datasheet HTML 81Page - Microchip Technology ANSA0 Datasheet HTML 82Page - Microchip Technology ANSA0 Datasheet HTML 83Page - Microchip Technology ANSA0 Datasheet HTML 84Page - Microchip Technology ANSA0 Datasheet HTML 85Page - Microchip Technology ANSA0 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 82
 2010-2012 Microchip Technology Inc.
6.4
MCLR
The MCLR is an optional external input that can reset
the device. The MCLR function is controlled by the
MCLRE bit of Configuration Words and the LVP bit of
Configuration Words (Table 6-2).
6.4.1
MCLR ENABLED
When MCLR is enabled and the pin is held low, the
device is held in Reset. The MCLR pin is connected to
VDD through an internal weak pull-up.
The device has a noise filter in the MCLR Reset path.
The filter will detect and ignore small pulses.
6.4.2
MCLR DISABLED
When MCLR is disabled, the pin functions as a general
purpose input and the internal weak pull-up is under
software
control.
See
Section 12.15
“PORTG
Registers” for more information.
6.5
Watchdog Timer (WDT) Reset
The Watchdog Timer generates a Reset if the firmware
does not issue a CLRWDT instruction within the time-out
period. The TO and PD bits in the STATUS register are
changed to indicate the WDT Reset. See Section 10.0
“Watchdog Timer (WDT)” for more information.
6.6
RESET Instruction
A RESET instruction will cause a device Reset. The RI
bit in the PCON register will be set to ‘0’. See Table 6-4
for default conditions after a RESET instruction has
occurred.
6.7
Stack Overflow/Underflow Reset
The device can reset when the Stack Overflows or
Underflows. The STKOVF or STKUNF bits of the PCON
register indicate the Reset condition. These Resets are
enabled by setting the STVREN bit in Configuration
Words.
See
Section 3.5.2
“Overflow/Underflow
Reset” for more information.
6.8
Programming Mode Exit
Upon exit of Programming mode, the device will
behave as if a POR had just occurred.
6.9
Power-Up Timer
The Power-up Timer optionally delays device execution
after a BOR or POR event. This timer is typically used to
allow VDD to stabilize before allowing the device to start
running.
The Power-up Timer is controlled by the PWRTE bit of
Configuration Words.
6.10
Start-up Sequence
Upon the release of a POR or BOR, the following must
occur before the device will begin executing:
1.
Power-up Timer runs to completion (if enabled).
2.
Oscillator start-up timer runs to completion (if
required for oscillator source).
3.
MCLR must be released (if enabled).
The total time-out will vary based on oscillator configu-
ration and Power-up Timer configuration. See
Section 5.0 “Oscillator Module (With Fail-Safe
Clock Monitor)” for more information.
The Power-up Timer and oscillator start-up timer run
independently of MCLR Reset. If MCLR is kept low long
enough, the Power-up Timer and oscillator start-up
timer will expire. Upon bringing MCLR high, the device
will begin execution immediately (see Figure 6-3). This
is useful for testing purposes or to synchronize more
than one device operating in parallel.
TABLE 6-2:
MCLR CONFIGURATION
MCLRE
LVP
MCLR
00
Disabled
10
Enabled
x1
Enabled
Note:
A Reset does not drive the MCLR pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com