Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS101 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS101
Description  Fixed Code Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS101 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS101 Datasheet HTML 4Page - Microchip Technology HCS101 Datasheet HTML 5Page - Microchip Technology HCS101 Datasheet HTML 6Page - Microchip Technology HCS101 Datasheet HTML 7Page - Microchip Technology HCS101 Datasheet HTML 8Page - Microchip Technology HCS101 Datasheet HTML 9Page - Microchip Technology HCS101 Datasheet HTML 10Page - Microchip Technology HCS101 Datasheet HTML 11Page - Microchip Technology HCS101 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
HCS101
DS41115D-page 8
Preliminary
 1999-2013 Microchip Technology Inc.
TABLE 6-1:
PROGRAMMING/VERIFY TIMING REQUIREMENTS
Note 1: Typical values - not tested in production
VDD = 5.0V ± 10%
25
C ± 5C
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
TPS
2.0
5.0
ms
Hold time 1
TPH14.0
ms
Hold time 2
TPH250
µs
Bulk Write time
TPBW
4.0
ms
Program delay time
TPROG
4.0
ms
Program cycle time
TWC
50
ms
Clock low time
TCLKL
50
µs
Clock high time
TCLKH
50
µs
Data setup time
TDS
0—
µs
Data hold time
TDH
30
µs
Data out valid time
TDV
—30
µs
Hold time
TPHOLD
100
µs (1)
Acknowledge low time
TACKL
800
µs (1)
Acknowledge high time
TACKH
800
µs (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com