Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS101 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS101
Description  Fixed Code Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS101 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS101 Datasheet HTML 6Page - Microchip Technology HCS101 Datasheet HTML 7Page - Microchip Technology HCS101 Datasheet HTML 8Page - Microchip Technology HCS101 Datasheet HTML 9Page - Microchip Technology HCS101 Datasheet HTML 10Page - Microchip Technology HCS101 Datasheet HTML 11Page - Microchip Technology HCS101 Datasheet HTML 12Page - Microchip Technology HCS101 Datasheet HTML 13Page - Microchip Technology HCS101 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HCS101
DS41115D-page 10
Preliminary
 1999-2013 Microchip Technology Inc.
FIGURE 7-1:
POWER-UP AND TRANSMIT TIMING
TABLE 7-2:
POWER-UP AND TRANSMIT TIMING(2)
FIGURE 7-2:
PREAMBLE/HEADER FORMAT
FIGURE 7-3:
DATA WORD FORMAT (XSER = 0)
Standard Operating Conditions (unless otherwise specified):
Commercial (C): 0°C
TA +70°C
Industrial (I):-40°C
TA +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
TBP
Time to second button press
10 + Code
Word Time
26 + Code
Word Time
ms
(Note 1)
TTD
Transmit delay from button detect
12
26
ms
TDB
Debounce delay
6
20
ms
TTO
Auto-shutoff time-out period
27
s
Ts
Start pulse delay
4.5
ms
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the
intention was to press the combination of buttons.
2: Typical values - not tested in production.
Button Press Detect
Sn
TDB
DATA
TTD
Code Word Transmission
TTO
Code
Word
1
Code
Word
2
Code
Word
3
Code
Word
n
TBP
TS
Preamble
Header
P1
P12
23 TE
10 TE
Data Word
Transmission
Bit 0
Bit 1
Bit 0
Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Guard
LSB
LSB
MSB
MSB
S3*
S0
S1
S2
Vlow
Time
Serial Number 1
Function Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65
* See S3SET
Counter & Serial Number 3
& Function Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com