Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1612 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1612
Description  Single 1A, 1.4 MHz Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1612 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1612_13 Datasheet HTML 5Page - Microchip Technology MCP1612_13 Datasheet HTML 6Page - Microchip Technology MCP1612_13 Datasheet HTML 7Page - Microchip Technology MCP1612_13 Datasheet HTML 8Page - Microchip Technology MCP1612_13 Datasheet HTML 9Page - Microchip Technology MCP1612_13 Datasheet HTML 10Page - Microchip Technology MCP1612_13 Datasheet HTML 11Page - Microchip Technology MCP1612_13 Datasheet HTML 12Page - Microchip Technology MCP1612_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2004-2013 Microchip Technology Inc.
DS21921C-page 9
MCP1612
3.0
MCP1612 PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Input Voltage Pin (VIN)
Connect the input voltage source to VIN. For normal
operation, the voltage on VIN should be between +2.7V
and +5.5V. A 10 µF bypass capacitor should be
connected between VIN and PGND.
3.2
Analog Input Voltage Pin (VCC)
VCC provides bias for internal analog functions. This
voltage is derived by filtering the VIN supply.
3.3
Shutdown Input Pin (SHDN)
Connect SHDN to a logic-level input in order to turn the
regulator on or off. A logic-high (>45% of VIN) will
enable the regulator. A logic-low (<15% of VIN) will
force the regulator into Shutdown mode. When in
shutdown, both the P-channel and N-channel switches
are turned off.
3.4
Compensation Pin (COMP)
COMP is the internal transconductance amplifier
output pin. External compensation is connected to
COMP for control-loop stabilization.
3.5
Feedback Pin (FB)
Connect the output voltage of the buck converter
through an external resistor divider to FB to regulate
the output voltage. The nominal voltage compared to
this input for pulse termination is 0.8V.
3.6
Analog Ground Pin (AGND)
Tie all small-signal ground returns to AGND. Noise on
AGND can effect the sensitive internal analog
measurements.
3.7
Power Ground Pin (PGND)
Connect all large-signal ground returns to PGND. These
large-signal traces should have a small loop area and
length to prevent coupling of switching noise to
sensitive traces.
3.8
Buck Inductor Output Pin (LX)
Connect LX directly to the buck inductor. This pin
carries large signal-level currents; all connections
should be made as short as possible.
Pin No.
Name
Function
1VIN
Input Voltage Pin
2VCC
Analog Input Voltage Pin
3
SHDN
Shutdown Control Input Pin
4
COMP
Transconductance Amplifier Output Pin
5
FB
Feedback Input Pin
6AGND
Analog Ground Pin
7PGND
Power Ground Pin
8LX
Buck Inductor Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com