Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1612 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1612
Description  Single 1A, 1.4 MHz Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1612 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1612_13 Datasheet HTML 1Page - Microchip Technology MCP1612_13 Datasheet HTML 2Page - Microchip Technology MCP1612_13 Datasheet HTML 3Page - Microchip Technology MCP1612_13 Datasheet HTML 4Page - Microchip Technology MCP1612_13 Datasheet HTML 5Page - Microchip Technology MCP1612_13 Datasheet HTML 6Page - Microchip Technology MCP1612_13 Datasheet HTML 7Page - Microchip Technology MCP1612_13 Datasheet HTML 8Page - Microchip Technology MCP1612_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004-2013 Microchip Technology Inc.
DS21921C-page 1
MCP1612
Features
• Fixed Switching Frequency: 1.4 MHz
• Input Operating Voltage Range: 2.7V to 5.5V
• Integrated Buck and Synchronous Switches
• Adjustable-Output Voltage Range: 0.8V to 5.0V
• 100% Duty Cycle Capable for Low Input Voltage
• Continuous Output Current Capability: 1A
• Shutdown Control with IQ < 0.01 µA (Typ.)
• Integrated Soft-Start Feature
• Integrated Undervoltage Lockout (UVLO)
Protection
• Integrated Overtemperature Protection
• Fast Dynamic Response to Line and Load Steps
• Small, 8-Pin DFN and MSOP Packages
• Operating Temperature Range: -40°C to +85°C
Applications
• Network Interface Cards
• Portable Computers
• Set-Top Boxes
• DSL Modems and Routers
• USB-Powered Devices
•GBIC Modules
• High-Speed Data System Bus Termination
• Medical Instruments
• Cellular/GSM/PHS Phones
• +5V or +3.3V Distributed Voltages
Description
The MCP1612 is a 1A, 1.4 MHz, fully-integrated,
current mode-controlled, synchronous buck regulator.
The MCP1612 is packaged in the 8-pin MSOP and
space-saving, 3x3 DFN packages. The DFN package
also provides a lower thermal resistance package
option for high-power, high ambient temperature
applications. With an input operating range from 2.7V
to 5.5V, the MCP1612 is ideal for applications that are
powered by one single-cell Li-Ion, 2- to 3-cell NiMH,
NiCd or alkaline sources.
The output voltage of the MCP1612 is easily set over
the range of 0.8V to 5.0V by using an external resistor
divider. The external inductor and output capacitor size
are minimized due to an internally-fixed, 1.4 MHz clock
being used to set the switching frequency. The fixed
clock allows for continuous, fixed-frequency PWM
operation over the full load range.
The MCP1612 is designed to provide fast dynamic
response to sudden changes in input voltage and load
current to minimize the necessary amount of external
output capacitance.
The MCP1612 can be used with ceramic, tantalum or
aluminum electrolytic output capacitors. Ceramic
capacitors with values as low as 4.7 µF can be used to
keep the output ripple voltage low. For applications that
require better load step performance, the value of the
output capacitor can be increased to 47 µF.
Additional features integrated into the MCP1612
include
shutdown
capability,
soft-start,
UVLO,
overcurrent and overtemperature protection.
Package Types
8-Lead DFN
1
2
3
4
8
7
6
5
VCC
SHDN
COMP
VIN
PGND
LX
AGND
FB
1
2
3
4
8
7
6
5
VCC
SHDN
COMP
VIN
PGND
LX
AGND
FB
8-Lead MSOP
Single 1A, 1.4 MHz Synchronous Buck Regulator


Similar Part No. - MCP1612_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1612-ADJIMF MICROCHIP-MCP1612-ADJIMF Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612-ADJIMS MICROCHIP-MCP1612-ADJIMS Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612-I/MF MICROCHIP-MCP1612-I/MF Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612-I/MS MICROCHIP-MCP1612-I/MS Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612T MICROCHIP-MCP1612T Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
More results

Similar Description - MCP1612_13

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Microchip Technology
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
logo
Anpec Electronics Corop...
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com