Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1754S Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1754S
Description  150 mA, 16V, High Performance LDO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754S Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1754S Datasheet HTML 17Page - Microchip Technology MCP1754S Datasheet HTML 18Page - Microchip Technology MCP1754S Datasheet HTML 19Page - Microchip Technology MCP1754S Datasheet HTML 20Page - Microchip Technology MCP1754S Datasheet HTML 21Page - Microchip Technology MCP1754S Datasheet HTML 22Page - Microchip Technology MCP1754S Datasheet HTML 23Page - Microchip Technology MCP1754S Datasheet HTML 24Page - Microchip Technology MCP1754S Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2011-2013 Microchip Technology Inc.
DS22276B-page 21
MCP1754/MCP1754S
5.0
APPLICATION CIRCUITS &
ISSUES
5.1
Typical Application
The MCP1754/MCP1754S is most commonly used as
a voltage regulator. Its low quiescent current and low
dropout voltage make it ideal for many battery-powered
applications.
FIGURE 5-1:
Typical Application Circuit.
5.1.1
APPLICATION INPUT CONDITIONS
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation of the MCP1754/
MCP1754S is a function of input voltage, output
voltage and output current. The power dissipation, as a
result of the quiescent current draw, is so low that it is
insignificant (56.0 µA x VIN). The following equation
can be used to calculate the internal power dissipation
of the LDO.
EQUATION
The
maximum
continuous
operating
junction
temperature specified for the MCP1754/MCP1754S is
+150°C. To estimate the internal junction temperature
of the MCP1754/MCP1754S, the total internal power
dissipation is multiplied by the thermal resistance from
junction to ambient (R
JA). The thermal resistance from
junction to ambient for the SOT23A pin package is
estimated at 336 °C/W.
EQUATION
The maximum power dissipation capability of a pack-
age is calculated given the junction-to-ambient thermal
resistance and the maximum ambient temperature for
the application. The following equation can be used to
determine the package maximum internal power dis-
sipation.
EQUATION
EQUATION
EQUATION
Package Type = SOT23
Input Voltage Range = 3.6V to 4.8V
VIN maximum = 4.8V
VOUT typical = 1.8V
IOUT = 50 mA maximum
MCP1754S
GND
VOUT
VIN
CIN
1µF Ceramic
COUT
1 µF Ceramic
VOUT
VIN
3.6V to 4.8V
1.8V
IOUT
50 mA
PLDO
VIN MAX

VOUT MIN

–
 I
OUT MAX

=
PLDO = LDO Pass device internal power dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
TJMAX

PTOTAL RJA
TAMAX

+
=
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
R
JA = Thermal resistance from junction to ambient
TA(MAX) = Maximum ambient temperature
PDMAX

TJMAX

TAMAX

–

R
JA
---------------------------------------------------
=
PD(MAX) = Maximum device power dissipation
TJ(MAX) = Maximum continuous junction
temperature
TA(MAX) = Maximum ambient temperature
R
JA = Thermal resistance from junction to ambient
TJRISE

PDMAX

R
JA
=
TJ(RISE) = Rise in device junction temperature over
the ambient temperature
PD(MAX) = Maximum device power dissipation
R
JA = Thermal resistance from junction to ambient
TJ
TJRISE

TA
+
=
TJ = Junction Temperature
TJ(RISE) = Rise in device junction temperature over
the ambient temperature
TA = Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com