Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1754S Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1754S
Description  150 mA, 16V, High Performance LDO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754S Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1754S Datasheet HTML 9Page - Microchip Technology MCP1754S Datasheet HTML 10Page - Microchip Technology MCP1754S Datasheet HTML 11Page - Microchip Technology MCP1754S Datasheet HTML 12Page - Microchip Technology MCP1754S Datasheet HTML 13Page - Microchip Technology MCP1754S Datasheet HTML 14Page - Microchip Technology MCP1754S Datasheet HTML 15Page - Microchip Technology MCP1754S Datasheet HTML 16Page - Microchip Technology MCP1754S Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2011-2013 Microchip Technology Inc.
DS22276B-page 13
MCP1754/MCP1754S
Note:
Unless otherwise indicated VR = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25 °C,
VIN = VR + 1V or VIN = 3.6V (whichever is greater), SHDN = VIN, package = SOT223.
FIGURE 2-24:
Power Supply Ripple
Rejection vs. Frequency.
FIGURE 2-25:
Power Supply Ripple
Rejection vs. Frequency.
FIGURE 2-26:
Output Noise vs. Frequency
(3 lines, VR = 1.2V, 3.3V, 5.0V).
FIGURE 2-27:
Power Up Timing.
FIGURE 2-28:
Startup From Shutdown.
FIGURE 2-29:
Short Circuit Current
Foldback.
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Current (A)
Increasing Load
Decreasing Load
V
IN = 3.6V
V
OUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com