Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24WB0MB Datasheet(PDF) 7 Page - Microchip Technology

Part # MRF24WB0MB
Description  MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 7 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 3Page - Microchip Technology MRF24WB0MB Datasheet HTML 4Page - Microchip Technology MRF24WB0MB Datasheet HTML 5Page - Microchip Technology MRF24WB0MB Datasheet HTML 6Page - Microchip Technology MRF24WB0MB Datasheet HTML 7Page - Microchip Technology MRF24WB0MB Datasheet HTML 8Page - Microchip Technology MRF24WB0MB Datasheet HTML 9Page - Microchip Technology MRF24WB0MB Datasheet HTML 10Page - Microchip Technology MRF24WB0MB Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2010-2013 Microchip Technology Inc.
DS70632C-page 7
MRF24WB0MA/MRF24WB0MB
TABLE 1-1:
Pin Description
Pin
Symbol
Type
Description
1GND
P
Ground
2
NC
NC
Do not connect
3JTAGTDO
O
JTAG test data output
4JTAGTCK
I: Constant(1)
JTAG clock input (drive or pull-up only)
5JTAGTMS
I
JTAG mode input
6JTAGTDI
I
JTAG test data input
7
RESET
I: Constant(1)
Module Reset input
8
NC
NC
Do not connect
9JTAGRST
I
JTAG Reset input (optional; see Section 2.0, Circuit Description)
10
GND
P
Ground
11
NC
NC
Do not connect
12
NC
NC
Do not connect
13
NC
NC
Do not connect
14
NC
NC
Do not connect
15
NC
NC
Do not connect
16
WP(2)
I
Write protect (this pin is used to enable FLASH update)
17
VDD
P
Power
18
GND
P
Ground
19
GND
P
Ground
20
HIBERNATE
I
Hibernate mode enable (high input will disable the module)
21
JTAGEN
I
JTAG test enable
22
NC
NC
Do not connect
23
CS
I: Constant(1)
SPI Chip Select input, constant drive or pull-up required
24
NC
NC
Do not connect
25
GND
P
Ground
26
DEBUGRX
I
Serial debug port input (see Section 2.0, Circuit Description)
27
DEBUGTX
O
Serial debug port output (see Section 2.0, Circuit Description)
28
GND
P
Ground
29
VDD
P
Power
30
GND
P
Ground
31
NC
NC
Do not connect
32
SDO
O
SPI data out
33
INT
O
Interrupt output (open drain – requires a pull-up)
34
SCK
I
SPI clock input
35
SDI
I
SPI data in
36
GND
P
Ground
Legend: Pin type abbreviation: P = Power input, I = Input, O = Output, NC = Do Not Connect
Note 1:
Signals of Type “I: Constant” must either be constantly driven by the host or have a pull-up or pull-down (in
case the host is likely to tri-state the signal during power down modes). The constant drive is used to
ensure defined operation of the part and to minimize leakage current during low power modes.
2:
WP is used as write-protect for the internal module SPI Flash. For production use, this pin should be
pulled low. This pin can be controlled by the host microcontroller to enable in field Flash updates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com