Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24WB0MB Datasheet(PDF) 8 Page - Microchip Technology

Part # MRF24WB0MB
Description  MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 8 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 4Page - Microchip Technology MRF24WB0MB Datasheet HTML 5Page - Microchip Technology MRF24WB0MB Datasheet HTML 6Page - Microchip Technology MRF24WB0MB Datasheet HTML 7Page - Microchip Technology MRF24WB0MB Datasheet HTML 8Page - Microchip Technology MRF24WB0MB Datasheet HTML 9Page - Microchip Technology MRF24WB0MB Datasheet HTML 10Page - Microchip Technology MRF24WB0MB Datasheet HTML 11Page - Microchip Technology MRF24WB0MB Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MRF24WB0MA/MRF24WB0MB
DS70632C-page 8
 2010-2013 Microchip Technology Inc.
1.2
Mounting Details
The MRF24WB0MA/MRF24WB0MB is a surface
mountable module. Module dimensions are shown in
Figure 1-3. The module Printed Circuit Board (PCB) is
1 mm thick with castellated mounting points on two
sides.
FIGURE 1-3:
MRF24WB0MA/MRF24WB0MB MODULE PHYSICAL DIMENSIONS
Note:
Antenna connector on
MRF24WB0MB only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com