Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C64A Datasheet(PDF) 307 Page - Microchip Technology

Part # PIC16C64A
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64A Datasheet(HTML) 307 Page - Microchip Technology

Back Button PIC16C64A Datasheet HTML 303Page - Microchip Technology PIC16C64A Datasheet HTML 304Page - Microchip Technology PIC16C64A Datasheet HTML 305Page - Microchip Technology PIC16C64A Datasheet HTML 306Page - Microchip Technology PIC16C64A Datasheet HTML 307Page - Microchip Technology PIC16C64A Datasheet HTML 308Page - Microchip Technology PIC16C64A Datasheet HTML 309Page - Microchip Technology PIC16C64A Datasheet HTML 310Page - Microchip Technology PIC16C64A Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 334 page
background image
 1997-2013 Microchip Technology Inc.
DS30234E-page 307
PIC16C6X
F.5
PIC16C55X Family of Devices
F.6
PIC16C62X and PIC16C64X Family of Devices
PIC16C554
PIC16C556(1)
PIC16C558
Clock
Maximum Frequency of Operation (MHz)
20
20
20
Memory
EPROM Program Memory (x14 words)
512
1K
2K
Data Memory (bytes)
80
80
128
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
Comparators(s)
—
—
—
Internal Reference Voltage
—
—
—
Features
Interrupt Sources
3
3
3
I/O Pins
13
13
13
Voltage Range (Volts)
2.5-6.0
2.5-6.0
2.5-6.0
Brown-out Reset
—
—
—
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high
I/O current capability. All PIC16C5XX Family devices use serial programming with clock pin RB6 and data pin RB7.
Note
1: Please contact your local Microchip sales office for availability of these devices.
PIC16C620
PIC16C621
PIC16C622
PIC16C642
PIC16C662
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
Memory
EPROM Program Memory
(x14 words)
512
1K2K
4K4K
Data Memory (bytes)
80
80
128
176
176
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
Comparators(s)
2222
2
Internal Reference Voltage
Yes
Yes
Yes
Yes
Yes
Features
Interrupt Sources
4444
5
I/O Pins
13
13
13
22
33
Voltage Range (Volts)
2.5-6.0
2.5-6.0
2.5-6.0
3.0-6.0
3.0-6.0
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin PDIP,
SOIC,
Windowed
CDIP
40-pin PDIP,
Windowed
CDIP;
44-pin PLCC,
MQFP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high
I/O current capability. All PIC16C62X and PIC16C64X Family devices use serial programming with clock pin RB6 and data pin RB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com