Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C64A Datasheet(PDF) 310 Page - Microchip Technology

Part # PIC16C64A
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64A Datasheet(HTML) 310 Page - Microchip Technology

Back Button PIC16C64A Datasheet HTML 306Page - Microchip Technology PIC16C64A Datasheet HTML 307Page - Microchip Technology PIC16C64A Datasheet HTML 308Page - Microchip Technology PIC16C64A Datasheet HTML 309Page - Microchip Technology PIC16C64A Datasheet HTML 310Page - Microchip Technology PIC16C64A Datasheet HTML 311Page - Microchip Technology PIC16C64A Datasheet HTML 312Page - Microchip Technology PIC16C64A Datasheet HTML 313Page - Microchip Technology PIC16C64A Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 334 page
background image
PIC16C6X
DS30234E-page 310
 1997-2013 Microchip Technology Inc.
F.10
PIC17CXXX Family of Devices
PIC17C42A
PIC17CR42
PIC17C43
PIC17CR43
PIC17C44
Clock
Maximum Frequency
of Operation (MHz)
33
33
33
33
33
Memory
EPROM Program Memory
(words)
2K
—
4K
—
8K
ROM Program Memory
(words)
—2K
—
4K
—
RAM Data Memory (bytes)
232
232
454
454
454
Peripherals
Timer Module(s)
TMR0,
TMR1,
TMR2,
TMR3
TMR0,
TMR1,
TMR2,
TMR3
TMR0,
TMR1,
TMR2,
TMR3
TMR0,
TMR1,
TMR2,
TMR3
TMR0,
TMR1,
TMR2,
TMR3
Captures/PWM Module(s)
22222
Serial Port(s) (USART)
Yes
Yes
Yes
Yes
Yes
Features
Hardware Multiply
Yes
Yes
Yes
Yes
Yes
External Interrupts
Yes
Yes
Yes
Yes
Yes
Interrupt Sources
1111111111
I/O Pins
33
33
33
33
33
Voltage Range (Volts)
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
Number of Instructions
58
58
58
58
58
Packages
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
PIC17C752
PIC17C756
Clock
Maximum Frequency
of Operation (MHz)
33
33
Memory
EPROM Program Memory
(words)
8K
16K
ROM Program Memory
(words)
——
RAM Data Memory (bytes)
454
902
Peripherals
Timer Module(s)
TMR0,
TMR1,
TMR2,
TMR3
TMR0,
TMR1,
TMR2,
TMR3
Captures/PWM Module(s)
4/3
4/3
Serial Port(s) (USART)
2
2
Features
Hardware Multiply
Yes
Yes
External Interrupts
Yes
Yes
Interrupt Sources
18
18
I/O Pins
50
50
Voltage Range (Volts)
3.0-6.0
3.0-6.0
Number of Instructions
58
58
Packages
64-pin DIP;
68-pin LCC,
68-pin TQFP
64-pin DIP;
68-pin LCC,
68-pin TQFP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high
I/O current capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com