Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C64A Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC16C64A
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64A Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC16C64A Datasheet HTML 126Page - Microchip Technology PIC16C64A Datasheet HTML 127Page - Microchip Technology PIC16C64A Datasheet HTML 128Page - Microchip Technology PIC16C64A Datasheet HTML 129Page - Microchip Technology PIC16C64A Datasheet HTML 130Page - Microchip Technology PIC16C64A Datasheet HTML 131Page - Microchip Technology PIC16C64A Datasheet HTML 132Page - Microchip Technology PIC16C64A Datasheet HTML 133Page - Microchip Technology PIC16C64A Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 334 page
background image
PIC16C6X
DS30234E-page 130
 1997-2013 Microchip Technology Inc.
13.4.5
TIME-OUT SEQUENCE
On power-up the time-out sequence is as follows: First
a PWRT time-out is invoked after the POR time delay
has expired. Then OST is activated. The total time-out
will vary based on oscillator configuration and the sta-
tus of the PWRT. For example, in RC mode, with the
PWRT disabled, there will be no time-out at all.
Figure 13-11, Figure 13-12, and Figure 13-13 depict
time-out sequences on power-up.
Since the time-outs occur from the POR pulse, if the
MCLR/VPP pin is kept low long enough, the time-outs
will expire. Then bringing the MCLR/VPP pin high will
begin execution immediately (Figure 13-14). This is
useful for testing purposes or to synchronize more than
one PIC16CXX device operating in parallel.
Table 13-10 and Table 13-11 show the reset conditions
for some special function registers, while Table 13-12
shows the reset conditions for all the registers.
13.4.6
POWER CONTROL/STATUS REGISTER
(PCON)
The Power Control/Status Register, PCON has up to
two bits, depending upon the device. Bit0 is not imple-
mented on the PIC16C62/64/65.
Bit0 is BOR (Brown-out Reset Status bit). BOR is
unknown on Power-on Reset. It must then be set by the
user and checked on subsequent resets to see if BOR
cleared, indicating that a brown-out has occurred. The
BOR status bit is a “Don’t Care” and is not necessarily
predictable if the Brown-out Reset circuitry is disabled
(by clearing bit BODEN in the Configuration Word).
Bit1 is POR (Power-on Reset Status bit). It is cleared on
a Power-on Reset and unaffected otherwise. The user
must set this bit following a Power-on Reset.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
TABLE 13-5:
TIME-OUT IN VARIOUS SITUATIONS, PIC16C61/62/64/65
TABLE 13-6:
TIME-OUT IN VARIOUS SITUATIONS,
PIC16C62A/R62/63/R63/64A/R64/65A/R65/66/67
TABLE 13-7:
STATUS BITS AND THEIR SIGNIFICANCE, PIC16C61
TABLE 13-8:
STATUS BITS AND THEIR SIGNIFICANCE, PIC16C62/64/65
Oscillator Configuration
Power-up
Wake-up from SLEEP
PWRTE = 1
PWRTE = 0
XT, HS, LP
72 ms + 1024TOSC
1024TOSC
1024 TOSC
RC
72 ms
—
—
Oscillator Configuration
Power-up
Brown-out
Wake up from
SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024TOSC
1024TOSC
72 ms + 1024TOSC
1024 TOSC
RC
72 ms
—
72 ms
—
TO
PD
11
Power-on Reset or MCLR reset during normal operation
01
WDT Reset
00
WDT Wake-up
10
MCLR reset during SLEEP or interrupt wake-up from SLEEP
POR
TO
PD
011
Power-on Reset
00x
Illegal, TO is set on a Power-on Reset
0x0
Illegal, PD is set on a Power-on Reset
101
WDT Reset
100
WDT Wake-up
1uu
MCLR reset during normal operation
110
MCLR reset during SLEEP or interrupt wake-up from SLEEP
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com