Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C64A Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16C64A
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64A Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16C64A Datasheet HTML 129Page - Microchip Technology PIC16C64A Datasheet HTML 130Page - Microchip Technology PIC16C64A Datasheet HTML 131Page - Microchip Technology PIC16C64A Datasheet HTML 132Page - Microchip Technology PIC16C64A Datasheet HTML 133Page - Microchip Technology PIC16C64A Datasheet HTML 134Page - Microchip Technology PIC16C64A Datasheet HTML 135Page - Microchip Technology PIC16C64A Datasheet HTML 136Page - Microchip Technology PIC16C64A Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 334 page
background image
 1997-2013 Microchip Technology Inc.
DS30234E-page 133
PIC16C6X
TRISD
61 62 62A R62 63 R6364 64A R64 6565A R65 66 67
1111 1111
1111 1111
uuuu uuuu
TRISE
61 62 62A R62 63 R6364 64A R64 6565A R65 66 67
0000 -111
0000 -111
uuuu -uuu
PIE1
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
00-- 0000
00-- 0000
uu-- uuuu
61 62 62A R62 63 R63 64 64A R6465 65A R656667
0000 0000
0000 0000
uuuu uuuu
PIE2
61 62 62A R62 63 R63 64 64A R6465 65A R656667
---- ---0
---- ---0
---- ---u
PCON
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
---- --0u
---- --uu
---- --uu
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
---- --0-
---- --u-
---- --u-
PR2
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
1111 1111
1111 1111
1111 1111
SSPADD
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
--00 0000
--00 0000
--uu uuuu
TXSTA
61 62 62A R62 63 R63 64 64A R6465 65A R656667
0000 -010
0000 -010
uuuu -uuu
SPBRG
61 62 62A R62 63 R63 64 64A R6465 65A R656667
0000 0000
0000 0000
uuuu uuuu
TABLE 13-12: INITIALIZATION CONDITIONS FOR ALL REGISTERS (Cont.’d)
Register
Applicable Devices
Power-on Reset
Brown-out
Reset
MCLR Reset during:
– normal operation
– SLEEP
WDT Reset
Wake-up via
interrupt or
WDT Wake-up
Legend: u = unchanged,
x
= unknown,
-
= unimplemented bit read as '0',
q = value depends on condition.
Note 1:
One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the global enable bit, GIE is set, the PC is loaded with the interrupt vector (0004h)
after execution of PC + 1.
3:
See Table 13-10 and Table 13-11 for reset value for specific conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com