Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84 Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F84
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F84 Datasheet HTML 34Page - Microchip Technology PIC16F84 Datasheet HTML 35Page - Microchip Technology PIC16F84 Datasheet HTML 36Page - Microchip Technology PIC16F84 Datasheet HTML 37Page - Microchip Technology PIC16F84 Datasheet HTML 38Page - Microchip Technology PIC16F84 Datasheet HTML 39Page - Microchip Technology PIC16F84 Datasheet HTML 40Page - Microchip Technology PIC16F84 Datasheet HTML 41Page - Microchip Technology PIC16F84 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
PIC16F8X
DS30430D-page 38
 1996-2013 Microchip Technology Inc.
8.1
Configuration Bits
The configuration bits can be programmed (read as '0')
or left unprogrammed (read as '1') to select various
device configurations. These bits are mapped in
program memory location 2007h.
Address 2007h is beyond the user program memory
space and it belongs to the special test/configuration
memory space (2000h - 3FFFh). This space can only
be accessed during programming.
To find out how to program the PIC16C84, refer to
PIC16C84 EEPROM Memory Programming Specifica-
tion (DS30189).
FIGURE 8-1:
CONFIGURATION WORD - PIC16CR83 AND PIC16CR84
R-u
R-u
R-u
R-u
R-u
R-u
R/P-u
R-u
R-u
R-u
R-u
R-u
R-u
R-u
CP
CP
CP
CP
CP
CP
DP
CP
CP
CP
PWRTE
WDTE FOSC1
FOSC0
bit13
bit0
R = Readable bit
P = Programmable bit
- n = Value at POR reset
u = unchanged
bit 13:8 CP: Program Memory Code Protection bit
1 = Code protection off
0 = Program memory is code protected
bit 7
DP: Data Memory Code Protection bit
1 = Code protection off
0 = Data memory is code protected
bit 6:4
CP: Program Memory Code Protection bit
1 = Code protection off
0 = Program memory is code protected
bit 3
PWRTE: Power-up Timer Enable bit
1 = Power-up timer is disabled
0 = Power-up timer is enabled
bit 2
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1:0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com