Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84 Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F84
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84 Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F84 Datasheet HTML 107Page - Microchip Technology PIC16F84 Datasheet HTML 108Page - Microchip Technology PIC16F84 Datasheet HTML 109Page - Microchip Technology PIC16F84 Datasheet HTML 110Page - Microchip Technology PIC16F84 Datasheet HTML 111Page - Microchip Technology PIC16F84 Datasheet HTML 112Page - Microchip Technology PIC16F84 Datasheet HTML 113Page - Microchip Technology PIC16F84 Datasheet HTML 114Page - Microchip Technology PIC16F84 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
PIC16F8X
 1996-2013 Microchip Technology Inc.
DS30430D-page 111
13.0
PACKAGING INFORMATION
13.1
Package Marking Information
18L PDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
AABBCDE
AABBCDE
XXXXXXXXXXXX
XXXXXXXXXXXX
18L SOIC
Example
PIC16F84-04I/P
9632SAW
XXXXXXXXXXXX
9648SAN
/SO
PIC16F84-04
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com