Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 123Page - Microchip Technology PIC16F87 Datasheet HTML 124Page - Microchip Technology PIC16F87 Datasheet HTML 125Page - Microchip Technology PIC16F87 Datasheet HTML 126Page - Microchip Technology PIC16F87 Datasheet HTML 127Page - Microchip Technology PIC16F87 Datasheet HTML 128Page - Microchip Technology PIC16F87 Datasheet HTML 129Page - Microchip Technology PIC16F87 Datasheet HTML 130Page - Microchip Technology PIC16F87 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 127
PIC16F87/88
14.0
COMPARATOR VOLTAGE
REFERENCE MODULE
The comparator voltage reference generator is a 16-tap
resistor ladder network that provides a fixed voltage
reference when the comparators are in mode ‘010’. A
programmable register controls the function of the refer-
ence generator. Register 14-1 lists the bit functions of
the CVRCON register.
As shown in Figure 14-1, the resistor ladder is seg-
mented to provide two ranges of CVREF values and has
a power-down function to conserve power when the
reference is not being used. The comparator reference
supply voltage (also referred to as CVRSRC) comes
directly from VDD. It should be noted, however, that the
voltage at the top of the ladder is CVRSRC – VSAT,
where VSAT is the saturation voltage of the power
switch transistor. This reference will only be as
accurate as the values of CVRSRC and VSAT.
The output of the reference generator may be
connected to the RA2/AN2/CVREF/VREF- pin (VREF- is
available on the PIC16F88 device only). This can be
used as a simple D/A function by the user if a very high-
impedance load is used. The primary purpose of this
function is to provide a test path for testing the
reference generator function.
REGISTER 14-1:
CVRCON: COMPARATOR VOLTAGE REFERENCE CONTROL REGISTER
(ADDRESS 9Dh)
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
CVREN
CVROE
CVRR
—
CVR3
CVR2
CVR1
CVR0
bit 7
bit 0
bit 7
CVREN: Comparator Voltage Reference Enable bit
1
= CVREF circuit powered on
0
= CVREF circuit powered down
bit 6
CVROE: Comparator VREF Output Enable bit
1
= CVREF voltage level is output on the RA2/AN2/CVREF/VREF- pin(1)
0
= CVREF voltage level is disconnected from the RA2/AN2/CVREF/VREF- pin(1)
bit 5
CVRR: Comparator VREF Range Selection bit(1)
1
= 0.00 CVRSRC to 0.625 CVRSRC with CVRSRC/24 step size
0
= 0.25 CVRSRC to 0.72 CVRSRC with CVRSRC/32 step size
bit 4
Unimplemented: Read as ‘0’
bit 3-0
CVR<3:0>: Comparator VREF Value Selection 0
 VR3:VR0  15 bits(1)
When CVRR = 1:
CVREF = (VR<3:0>/24)
 (CVRSRC)
When CVRR = 0:
CVREF = 1/4
 (CVRSRC) + (VR3:VR0/32)  (CVRSRC)
Note 1: VREF is available on the PIC16F88 device only.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com