Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87 Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 184Page - Microchip Technology PIC16F87 Datasheet HTML 185Page - Microchip Technology PIC16F87 Datasheet HTML 186Page - Microchip Technology PIC16F87 Datasheet HTML 187Page - Microchip Technology PIC16F87 Datasheet HTML 188Page - Microchip Technology PIC16F87 Datasheet HTML 189Page - Microchip Technology PIC16F87 Datasheet HTML 190Page - Microchip Technology PIC16F87 Datasheet HTML 191Page - Microchip Technology PIC16F87 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 230 page
background image
PIC16F87/88
DS30487D-page 188
 2002-2013 Microchip Technology Inc.
TABLE 18-13: A/D CONVERTER CHARACTERISTICS: PIC16F87/88 (INDUSTRIAL, EXTENDED)
PIC16LF87/88 (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
10-bit
bit
VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A03
EIL
Integral Linearity Error
—
—
<±1
LSb
VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A04
EDL
Differential Linearity Error
—
—
<±1
LSb
VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A06
EOFF
Offset Error
—
—
<±2
LSb
VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A07
EGN
Gain Error
—
—
<±1
LSb
VREF = VDD = 5.12V,
VSS
 VAIN  VREF
A10
—
Monotonicity
—
guaranteed(3)
——
VSS
 VAIN  VREF
A20
VREF
Reference Voltage
(VREF+ – VREF-)
2.0
—
VDD + 0.3
V
A21
VREF+ Reference Voltage High
AVDD – 2.5V
AVDD + 0.3V
V
A22
VREF- Reference Voltage Low
AVSS – 0.3V
VREF+ – 2.0V
V
A25
VAIN
Analog Input Voltage
VSS – 0.3V
—
VREF + 0.3V
V
A30
ZAIN
Recommended Impedance of
Analog Voltage Source
——
2.5
k
(Note 4)
A40
IAD
A/D Conversion
Current (VDD)
PIC16F87/88
—
220
—
A
Average current
consumption when A/D is on
(Note 1)
PIC16LF87/88
—
90
—
A
A50
IREF
VREF Input Current (Note 2)
—
—
—
—
5
150
A
A
During VAIN acquisition.
Based on differential of VHOLD
to VAIN to charge CHOLD,
see Section 12.1 “A/D
Acquisition Requirements”.
During A/D conversion cycle
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current specification
includes any such leakage from the A/D module.
2:
VREF current is from RA3 pin or VDD pin, whichever is selected as reference input.
3:
The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
4:
Maximum allowed impedance for analog voltage source is 10 k
This requires higher acquisition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com