Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC18F23K22
Description  Flash Memory Programming Specification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 32Page - Microchip Technology PIC18F23K22 Datasheet HTML 33Page - Microchip Technology PIC18F23K22 Datasheet HTML 34Page - Microchip Technology PIC18F23K22 Datasheet HTML 35Page - Microchip Technology PIC18F23K22 Datasheet HTML 36Page - Microchip Technology PIC18F23K22 Datasheet HTML 37Page - Microchip Technology PIC18F23K22 Datasheet HTML 38Page - Microchip Technology PIC18F23K22 Datasheet HTML 39Page - Microchip Technology PIC18F23K22 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
PIC18(L)F2XK22/4XK22
DS41398B-page 36
Advance Information
 2010 Microchip Technology Inc.
TABLE 5-4:
CHECKSUM COMPUTATION
Device
Code-
Protect
Checksum
Blank
Value
0xAA at 0
and Max
Address
PIC18FX3K22
PIC18LFX3K22
None
SUM[0000:01FF]+SUM[0200:0FFF]+SUM[1000:1FFF]+
(CONFIG1L & 00h)+
(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+(CONFIG2H & 3Fh)+
(CONFIG3L & 00h)+(CONFIG3H & BFh)+(CONFIG4L & C5h)+
(CONFIG4H & 00h)+(CONFIG5L & 03h)+(CONFIG5H & C0h)+
(CONFIG6L & 03h)+(CONFIG6H & E0h)+(CONFIG7L & 03h)+
(CONFIG7H & 40h)
E3B0
E306
Boot
Block
SUM[0200:0FFF]+SUM[1000:1FFF]+
(CONFIG1L & 00h)+(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+
(CONFIG2H & 3Fh)+(CONFIG3L & 00h)+(CONFIG3H & BFh)+
(CONFIG4L & C5h)+(CONFIG4H & 00h)+(CONFIG5L & 03h)+
(CONFIG5H & C0h)+(CONFIG6L & 03h)+(CONFIG6H & E0h)+
(CONFIG7L & 03h)+(CONFIG7H & 40h)+SUM_ID
E58C
E532
Boot/
Block 0
SUM[1000:1FFF]+(CONFIG1L & 00h)+
(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+(CONFIG2H & 3Fh)+
(CONFIG3L & 00h)+(CONFIG3H & BFh)+(CONFIG4L & C5h)+
(CONFIG4H & 00h)+(CONFIG5L & 03h)+(CONFIG5H & C0h)+
(CONFIG6L & 03h)+(CONFIG6H & E0h)+(CONFIG7L & 03h)+
(CONFIG7H & 40h)+SUM_ID
F38B
F331
All
(CONFIG1L & 00h)+(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+
(CONFIG2H & 3Fh)+(CONFIG3L & 00h)+(CONFIG3H & BFh)+
(CONFIG4L & C5h)+(CONFIG4H & 00h)+(CONFIG5L & 03h)+
(CONFIG5H & C0h)+(CONFIG6L & 03h)+(CONFIG6H & E0h)+
(CONFIG7L & 03h)+(CONFIG7H & 40h)+SUM_ID
0389
0384
PIC18FX4K22
PIC18LFX4K22
None
SUM[0000:07FF]+SUM[0800:1FFF]+SUM[2000:3FFF]+
(CONFIG1L & 00h)+
(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+(CONFIG2H & 3Fh)+
(CONFIG3L & 00h)+(CONFIG3H & BFh)+(CONFIG4L & C5h)+
(CONFIG4H & 00h)+(CONFIG5L & 03h)+(CONFIG5H & C0h)+
(CONFIG6L & 03h)+(CONFIG6H & E0h)+(CONFIG7L & 03h)+
(CONFIG7H & 40h)
C3B0
C306
Boot
Block
SUM[0800:1FFF]+SUM[2000:3FFF]+
(CONFIG1L & 00h)+(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+
(CONFIG2H & 3Fh)+(CONFIG3L & 00h)+(CONFIG3H & BFh)+
(CONFIG4L & C5h)+(CONFIG4H & 00h)+(CONFIG5L & 03h)+
(CONFIG5H & C0h)+(CONFIG6L & 03h)+(CONFIG6H & E0h)+
(CONFIG7L & 03h)+(CONFIG7H & 40h)+SUM_ID
CB8A
CB30
Boot/
Block 0
SUM[2000:3FFF]+(CONFIG1L & 00h)+
(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+(CONFIG2H & 3Fh)+
(CONFIG3L & 00h)+(CONFIG3H & BFh)+(CONFIG4L & C5h)+
(CONFIG4H & 00h)+(CONFIG5L & 03h)+(CONFIG5H & C0h)+
(CONFIG6L & 03h)+(CONFIG6H & E0h)+(CONFIG7L & 03h)+
(CONFIG7H & 40h)+SUM_ID
D389
D32F
All
(CONFIG1L & 00h)+(CONFIG1H & FFh)+(CONFIG2L & 1Fh)+
(CONFIG2H & 3Fh)+(CONFIG3L & 00h)+(CONFIG3H & BFh)+
(CONFIG4L & C5h)+(CONFIG4H & 00h)+(CONFIG5L & 03h)+
(CONFIG5H & C0h)+(CONFIG6L & 03h)+(CONFIG6H & E0h)+
(CONFIG7L & 03h)+(CONFIG7H & 40h)+SUM_ID
0387
0382
Legend:
Item
Description
CONFIGx = Configuration Word
SUM[a:b] = Sum of locations, a to b inclusive
SUM_ID = Byte-wise sum of lower four bits of all customer ID locations
+= Addition
&
= Bit-wise AND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com