Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LF09 Datasheet(PDF) 11 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST12LF09 Datasheet HTML 7Page - Microchip Technology SST12LF09 Datasheet HTML 8Page - Microchip Technology SST12LF09 Datasheet HTML 9Page - Microchip Technology SST12LF09 Datasheet HTML 10Page - Microchip Technology SST12LF09 Datasheet HTML 11Page - Microchip Technology SST12LF09 Datasheet HTML 12Page - Microchip Technology SST12LF09 Datasheet HTML 13Page - Microchip Technology SST12LF09 Datasheet HTML 14Page - Microchip Technology SST12LF09 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
 2013 Microchip Technology Inc.
DS75083A-page 11
SST12LF09
7.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
Device
Device:
SST12LF09
= 2.4 GHz High-Gain, High-Efficiency
Front-end Module
Package:
Q3CE
= X2QFN (2.5mm x 2.5mm), 0.4 max
thickness 16-contact
Evaluation Kit
Flag
K
= Evaluation Kit
Valid Combinations:
SST12LF09-Q3CE
SST12LF09-Q3CE-K
XXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com