Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LF09 Datasheet(PDF) 12 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST12LF09 Datasheet HTML 7Page - Microchip Technology SST12LF09 Datasheet HTML 8Page - Microchip Technology SST12LF09 Datasheet HTML 9Page - Microchip Technology SST12LF09 Datasheet HTML 10Page - Microchip Technology SST12LF09 Datasheet HTML 11Page - Microchip Technology SST12LF09 Datasheet HTML 12Page - Microchip Technology SST12LF09 Datasheet HTML 13Page - Microchip Technology SST12LF09 Datasheet HTML 14Page - Microchip Technology SST12LF09 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SST12LF09
DS75083A-page 12
 2013 Microchip Technology Inc.
8.0
PACKAGING DIAGRAMS
FIGURE 8-1:
16-CONTACT SUPER-THIN QUAL FLAT NO-LEAD (XQFN)
PACKAGE CODE: Q3C
TABLE 8-1:
REVISION HISTORY
Revision
Description
Date
A
•
Initial release of data sheet
May 2013
Note: 1. From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
2. The topside pin #1 indicator is laser engraved; its approximate shape and location is as shown.
3. The external paddle is electrically connected to the die back-side and to VSS.
This paddle must be soldered to the PC board; it is required to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential will result in shorts and electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
16-x2qfn-2.5x2.5-Q3C-2.0
0.5 BSC
See notes
2 and 3
Pin #1
0.25
0.15
0.075
0.127
0.275
0.175
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1 mm
2.50
± 0.05
2.50
± 0.05
Pin #1
(laser
engraved
see note 2)
1.35
1.35
0.40
0.34
0.05 Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com