Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428A Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4428A
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428A Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4428A Datasheet HTML 2Page - Microchip Technology TC4428A Datasheet HTML 3Page - Microchip Technology TC4428A Datasheet HTML 4Page - Microchip Technology TC4428A Datasheet HTML 5Page - Microchip Technology TC4428A Datasheet HTML 6Page - Microchip Technology TC4428A Datasheet HTML 7Page - Microchip Technology TC4428A Datasheet HTML 8Page - Microchip Technology TC4428A Datasheet HTML 9Page - Microchip Technology TC4428A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC4426A/TC4427A/TC4428A
DS21423G-page 6
 2002-2012 Microchip Technology Inc.
Note: Unless otherwise indicated, over operating temperature range with 4.5V
V
DD18V.
FIGURE 2-7:
High-State Output
Resistance.
FIGURE 2-8:
Supply Current vs.
Frequency.
FIGURE 2-9:
Supply Current vs.
Frequency.
FIGURE 2-10:
Low-State Output
Resistance.
FIGURE 2-11:
Supply Current vs.
Capacitive Load.
FIGURE 2-12:
Supply Current vs.
Capacitive Load.
0
5
10
15
20
25
20
15
10
5
0
30
VDD (V)
TA = +125°C
TA = +25°C
0
500
1000
1500
2000
2500
0
20
10
30
40
50
60
FREQUENCY (kHz)
VDD = 18V
CL = 2200 pF
CL = 1500 pF
CL = 1000 pF
CL = 100 pF
FREQUENCY (kHz)
0
500
1000
1500
2000
2500
70
60
50
40
30
20
10
0
80
VDD = 12V
CL = 2200 pF
CL = 1500 pF
CL = 1000 pF
CL = 100 pF
0
5
10
15
20
25
20
15
10
5
0
30
VDD (V)
TA = +125°C
TA = +25°C
0
500
1000
1500
2000
2500
0
20
10
30
40
50
60
2 MHz
VDD = 18V
CLOAD (pF)
900 kHz
600 kHz
200 kHz
20 kHz
0
500
1000
1500
2000
2500
70
60
50
40
30
20
10
0
80
CLOAD (pF)
VDD = 12V
900 kHz
600 kHz
200 kHz
20 kHz
2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com