Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428A Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4428A
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428A Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4428A Datasheet HTML 3Page - Microchip Technology TC4428A Datasheet HTML 4Page - Microchip Technology TC4428A Datasheet HTML 5Page - Microchip Technology TC4428A Datasheet HTML 6Page - Microchip Technology TC4428A Datasheet HTML 7Page - Microchip Technology TC4428A Datasheet HTML 8Page - Microchip Technology TC4428A Datasheet HTML 9Page - Microchip Technology TC4428A Datasheet HTML 10Page - Microchip Technology TC4428A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21423G-page 7
TC4426A/TC4427A/TC4428A
Note: Unless otherwise indicated, over operating temperature range with 4.5V
V
DD18V.
FIGURE 2-13:
Supply Current vs.
Frequency.
FIGURE 2-14:
Quiescent Supply Current
vs. Voltage.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Quiescent Supply Current
vs. Temperature.
0
500
1000
1500
2000
2500
30
25
20
15
10
5
0
35
40
FREQUENCY (kHz)
VDD = 6V
CL = 2200 pF
CL = 1500 pF
CL = 1000 pF
CL = 100 pF
TA = 25°C
BOTH INPUTS = 1
0
5
10
15
20
800
700
600
500
400
200
100
0
300
900
VDD (V)
BOTH INPUTS = 0
0
500
1000
1500
2000
2500
30
25
15
10
5
0
35
40
CLOAD (pF)
VDD = 6V
900 kHz
600 kHz
200 kHz
20 kHz
2 MHz
20
-100
-50
0
50
100
150
1000
900
800
700
600
400
300
200
100
0
500
1100
TEMPERATURE (
°C)
VDD = 18V
BOTH INPUTS = 1
BOTH INPUTS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com