Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7116 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 3 Page - Microchip Technology

  TC7116_13 Datasheet HTML 1Page - Microchip Technology TC7116_13 Datasheet HTML 2Page - Microchip Technology TC7116_13 Datasheet HTML 3Page - Microchip Technology TC7116_13 Datasheet HTML 4Page - Microchip Technology TC7116_13 Datasheet HTML 5Page - Microchip Technology TC7116_13 Datasheet HTML 6Page - Microchip Technology TC7116_13 Datasheet HTML 7Page - Microchip Technology TC7116_13 Datasheet HTML 8Page - Microchip Technology TC7116_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2002-2012 Microchip Technology Inc.
DS21457D-page 3
TC7116/A/TC7117/A
Typical Application
VREF+
TC7116/A
9V
VREF
33
34
24k
Ω
1k
Ω
31
29
36
39
38
40
0.47
μF
0.1
μF
V-
OSC1
OSC3
OSC2
To Analog
Common (Pin 32)
3 Conversions Per Second
COSC
100k
Ω
47k
Ω
0.22
μF
0.01
μF
Analog
Input
+
–
CREF-
CREF+
VIN+
VIN-
ANALOG
COMMON
VINT
VBUFF
CAZ
20
21
35
Segment
Drive
2–19
22–25
POL
BP/GND
V+
Minus Sign
Backplane Drive
28
ROSC 100pF
LCD Display (TC7116/7116A)
or Common Anode LED Display
(TC7117/7117A)
1M
Ω
27
30
32
HLDR
Display
Hold
100mV
1
26
TC7117/A
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com