Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7116 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC7116_13 Datasheet HTML 11Page - Microchip Technology TC7116_13 Datasheet HTML 12Page - Microchip Technology TC7116_13 Datasheet HTML 13Page - Microchip Technology TC7116_13 Datasheet HTML 14Page - Microchip Technology TC7116_13 Datasheet HTML 15Page - Microchip Technology TC7116_13 Datasheet HTML 16Page - Microchip Technology TC7116_13 Datasheet HTML 17Page - Microchip Technology TC7116_13 Datasheet HTML 18Page - Microchip Technology TC7116_13 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
 2002-2012 Microchip Technology Inc.
DS21457D-page 15
TC7116/A/TC7117/A
FIGURE 6-3:
TC7116/TC7117A Using the Internal Reference (200 mV Full Scale, 3 Readings Per
Second – RPS)
FIGURE 6-4:
TC7117/TC7117A Internal Reference (200 mV Full Scale, 3 RPS, V
IN- Tied to GND for
Single Ended Inputs
100k
Ω
100pF
0.47
μF
47k
Ω
0.22
μF
To Display
To Backplane
0.1pF
21
1k
Ω
22k
Ω
9V
Set VREF = 100mV
TC7116
TC7116A
0.01
μF
+
In
1M
Ω
–
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
+
–
100k
Ω
100pF
0.47
μF
47k
Ω
0.22
μF
To Display
0.1pF
21
1k
Ω
22k
Ω
Set VREF = 100mV
0.01
μF
+
In
1M
Ω
–
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
-5V
+5V
TC7117
TC7117A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com