Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S22 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6S22
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S22 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6S22 Datasheet HTML 7Page - Microchip Technology MCP6S22 Datasheet HTML 8Page - Microchip Technology MCP6S22 Datasheet HTML 9Page - Microchip Technology MCP6S22 Datasheet HTML 10Page - Microchip Technology MCP6S22 Datasheet HTML 11Page - Microchip Technology MCP6S22 Datasheet HTML 12Page - Microchip Technology MCP6S22 Datasheet HTML 13Page - Microchip Technology MCP6S22 Datasheet HTML 14Page - Microchip Technology MCP6S22 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 11
MCP6S21/2/6/8
Note: Unless otherwise indicated, TA =+25°C, VDD = +5.0V, VSS = GND, VREF =VSS, G= +1 V/V,
Input = CH0 = (0.3V)/G, CH1 to CH7 = 0.3V, RL =10 kto VDD/2, and CL = 60 pF.
FIGURE 2-13:
PSRR vs. Ambient
Temperature.
FIGURE 2-14:
Input Bias Current vs.
Ambient Temperature.
FIGURE 2-15:
Bandwidth vs. Capacitive
Load.
FIGURE 2-16:
PSRR vs. Frequency.
FIGURE 2-17:
Input Bias Current vs. Input
Voltage.
FIGURE 2-18:
Gain Peaking vs. Capacitive
Load.
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
1
10
100
1,000
55
65
75
85
95
105
115
125
Ambient Temperature (°C)
CH0 = VDD
VDD = 5.5 V
1
10
100
10
100
1000
Capacitive Load (pF)
G = +1
G = +4
G = +16
40
50
60
70
80
90
100
10
100
1000
10000
100000
Frequency (Hz)
VDD = 2.5 V
VDD = 5.5 V
1k
10k
100k
10
100
Input Referred
1
10
100
1,000
10,000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
TA = +85°C
VDD = 5.5 V
TA = +125°C
0
1
2
3
4
5
6
7
10
100
1000
Capacitive Load (pF)
G = +1
G = +4
G = +16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com