Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S22 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6S22
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S22 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6S22 Datasheet HTML 12Page - Microchip Technology MCP6S22 Datasheet HTML 13Page - Microchip Technology MCP6S22 Datasheet HTML 14Page - Microchip Technology MCP6S22 Datasheet HTML 15Page - Microchip Technology MCP6S22 Datasheet HTML 16Page - Microchip Technology MCP6S22 Datasheet HTML 17Page - Microchip Technology MCP6S22 Datasheet HTML 18Page - Microchip Technology MCP6S22 Datasheet HTML 19Page - Microchip Technology MCP6S22 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP6S21/2/6/8
DS21117B-page 16
 2003-2012 Microchip Technology Inc.
4.0
ANALOG FUNCTIONS
The MCP6S21/2/6/8 family of Programmable Gain
Amplifiers (PGA) are based on simple analog building
blocks (see Figure 4-1). Each of these blocks will be
explained in more detail in the following sub-sections.
FIGURE 4-1:
PGA Block Diagram.
4.1
Input MUX
The MCP6S21 has one input, the MCP6S22 and
MCP6S25 have two inputs, the MCP6S26 has six
inputs and the MCP6S28 has eight inputs (see
Figure 4-1).
For the lowest input current, float unused inputs. Tying
these pins to a voltage near the used channels also
works well. For simplicity, they can be tied to VSS or
VDD, but the input current may increase.
The one channel MCP6S21 has the lowest input bias
current, while the eight channel MCP6S28 has the
highest. There is about a 2:1 ratio in IB between these
parts.
4.2
Internal Op Amp
The internal op amp provides the right combination of
bandwidth, accuracy and flexibility.
4.2.1
COMPENSATION CAPACITORS
The internal op amp has three compensation capaci-
tors connected to a switching network. They are
selected to give good small signal bandwidth at high
gains, and good slew rate (full power bandwidth) at low
gains. The change in bandwidth as gain changes is
between 2 MHz and 12 MHz. Refer to Table 4-1 for
more information.
TABLE 4-1:
GAIN VS. INTERNAL COMPENSATION CAPACITOR
MCP6S21–One input (CH0), no SO pin
MCP6S22–Two inputs (CH0, CH1), VREF tied internally
to VSS, no SO pin
MCP6S26–Six inputs (CH0 to CH5)
MCP6S28–Eight inputs (CH0 to CH7)
VOUT
VREF
VDD
CS
SI
SO
SCK
CH1
CH0
CH3
CH2
CH5
CH4
CH7
CH6
VSS
8
RF
RG
MUX
SPI™
Logic
POR
Gain
Switches
+
-
Gain
(V/V)
Internal
Compensation
Capacitor
Typical GBWP
(MHz)
Typical SR
(V/µs)
Typical FPBW
(MHz)
Typical BW
(MHz)
1
Large
12
4.0
0.30
12
2
Large
12
4.0
0.30
6
4Medium
20
11
0.70
10
5Medium
20
11
0.70
7
8
Medium
20
11
0.70
2.4
10
Medium
20
11
0.70
2.0
16
Small
64
22
1.6
5
32
Small
64
22
1.6
2.0
Note 1: FPBW is the Full Power Bandwidth. These numbers are based on VDD = 5.0V.
2: No changes in DC performance (e.g., VOS) accompany a change in compensation capacitor.
3: BW is the closed-loop, small signal -3 dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com