Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S28 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6S28 Datasheet HTML 13Page - Microchip Technology MCP6S28 Datasheet HTML 14Page - Microchip Technology MCP6S28 Datasheet HTML 15Page - Microchip Technology MCP6S28 Datasheet HTML 16Page - Microchip Technology MCP6S28 Datasheet HTML 17Page - Microchip Technology MCP6S28 Datasheet HTML 18Page - Microchip Technology MCP6S28 Datasheet HTML 19Page - Microchip Technology MCP6S28 Datasheet HTML 20Page - Microchip Technology MCP6S28 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 17
MCP6S21/2/6/8
4.2.2
RAIL-TO-RAIL INPUT
The input stage of the internal op amp uses two differ-
ential input stages in parallel; one operates at low VIN
(input voltage), while the other operates at high VIN.
With this topology, the internal inputs can operate to
0.3V past either supply rail. The input offset voltage is
measured at both VIN =VSS - 0.3V and VDD + 0.3V to
ensure proper operation.
The transition between the two input stages occurs
when VIN VDD - 1.5V. For the best distortion and gain
linearity, avoid this region of operation.
4.2.3
RAIL-TO-RAIL OUTPUT
The Maximum Output Voltage Swing is the maximum
swing possible under a particular output load. Accord-
ing to the specification table, the output can reach
within 60 mV of either supply rail when RL =10kand
VREF = VDD/2. See Figure 2-21 for typical performance
under other conditions.
4.2.4
INPUT VOLTAGE AND PHASE
REVERSAL
The
amplifier family is designed with CMOS input
devices. It is designed to not exhibit phase inversion
when the input pins exceed the supply voltages.
Figure 2-34 shows an input voltage exceeding both
supplies with no resulting phase inversion.
The maximum voltage that can be applied to the input
pins (CHX) is VSS - 0.3V to VDD + 0.3V. Voltages on the
inputs that exceed this absolute maximum rating can
cause excessive current to flow in or out of the input
pins. Current beyond ±2 mA can cause possible reli-
ability problems. Applications that exceed this rating
must be externally limited with an input resistor, as
shown in Figure 4-2.
FIGURE 4-2:
RIN limits the current flow
into an input pin.
4.3
Resistor Ladder
The resistor ladder shown in Figure 4-1 (RLAD = RF +
RG) sets the gain. Placing the gain switches in series
with the inverting input reduces the parasitic capaci-
tance, distortion and gain mismatch.
RLAD is an additional load on the output of the PGA and
causes additional current draw from the supplies.
In Shutdown mode, RLAD is still attached to the OUT
and VREF pins. Thus, these pins and the internal ampli-
fier’s inverting input are all connected through RLAD
and the output is not high-Z (unlike the external op
amp).
While RLAD contributes to the output noise, its effect is
small. Refer to Figure 2-12.
4.4
Shutdown Mode
These PGAs use a software shutdown command.
When the SPI interface sends a shutdown command,
the internal op amp is shut down and its output placed
in a high-Z state.
The resistive ladder is always connected between
VREF and VOUT; even in shutdown. This means that the
output resistance will be on the order of 5 k
 and there
will be a path for output signals to appear at the input.
The Power-on Reset (POR) circuitry will temporarily
place the part in shutdown when activated. See
Section 5.4, “Power-On Reset”, for details.
R
IN
V
SS
Minimum expected V
IN

–
2 mA
----------------------------------------------------------------------------
R
IN
Maximum expected V
IN
 V
DD
–
2 mA
-------------------------------------------------------------------------------
VIN
RIN
VOUT
MCP6S2X
CHX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com