Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S28 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6S28 Datasheet HTML 16Page - Microchip Technology MCP6S28 Datasheet HTML 17Page - Microchip Technology MCP6S28 Datasheet HTML 18Page - Microchip Technology MCP6S28 Datasheet HTML 19Page - Microchip Technology MCP6S28 Datasheet HTML 20Page - Microchip Technology MCP6S28 Datasheet HTML 21Page - Microchip Technology MCP6S28 Datasheet HTML 22Page - Microchip Technology MCP6S28 Datasheet HTML 23Page - Microchip Technology MCP6S28 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MCP6S21/2/6/8
DS21117B-page 20
 2003-2012 Microchip Technology Inc.
5.2.2
SETTING THE GAIN
The amplifier can be programmed to produce binary
and decimal gain settings between +1 V/V and +32 V/V.
Register 5-2 shows the details. At the same time, differ-
ent compensation capacitors are selected to optimize
the bandwidth vs. slew rate trade-off (see Table 4-1).
REGISTER 5-2:
GAIN REGISTER
U-x
U-x
U-x
U-x
U-x
W-0
W-0
W-0
—
—
—
—
—
G2G1G0
bit 7
bit 0
bit 7-3
Unimplemented: Read as ‘0’ (reserved for future use)
bit 2-0
G2-G0: Gain Select Bits
000
= Gain of +1 (Default)
001
= Gain of +2
010
= Gain of +4
011
= Gain of +5
100
= Gain of +8
101
= Gain of +10
110
= Gain of +16
111
= Gain of +32
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com