Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1541 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1541
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1541 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1541 Datasheet HTML 1Page - Microchip Technology MCP1541 Datasheet HTML 2Page - Microchip Technology MCP1541 Datasheet HTML 3Page - Microchip Technology MCP1541 Datasheet HTML 4Page - Microchip Technology MCP1541 Datasheet HTML 5Page - Microchip Technology MCP1541 Datasheet HTML 6Page - Microchip Technology MCP1541 Datasheet HTML 7Page - Microchip Technology MCP1541 Datasheet HTML 8Page - Microchip Technology MCP1541 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21653C-page 5
MCP1525/41
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VIN = 5.0V, VSS = GND, IOUT = 0 mA and CL =1µF.
FIGURE 2-1:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-2:
Load Regulation vs.
Ambient Temperature.
FIGURE 2-3:
Input Current vs. Ambient
Temperature.
FIGURE 2-4:
Line Regulation vs. Ambient
Temperature.
FIGURE 2-5:
Output Impedance vs.
Frequency.
FIGURE 2-6:
Output Noise Voltage
Density vs. Frequency.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
2.475
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
2.525
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
4.040
4.050
4.060
4.070
4.080
4.090
4.100
4.110
4.120
4.130
4.140
MCP1525
MCP1541
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
255075
100
Ambient Temperature (°C)
Source Current =
0 mA to 2 mA
Sink Current =
0 mA to -2 mA
MCP1525 and MCP1541
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
MCP1525
MCP1541
0
20
40
60
80
100
120
140
-50
-25
0
255075
100
Ambient Temperature (°C)
MCP1525
VIN = 2.7V to 5.5V
MCP1541
VIN = 4.3V to 5.5V
0
1
2
3
4
5
6
7
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
Frequency (Hz)
MCP1525 and MCP1541
IOUT = +2 mA
IOUT = -2 mA
1
10
100
1k
10k
100k
1M
1
10
100
1,000
Frequency (Hz)
0.1
10
1k
10k
100k
1
100
MCP1541
MCP1525
21653C.book Page 5 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com