Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1541 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1541
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1541 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1541 Datasheet HTML 7Page - Microchip Technology MCP1541 Datasheet HTML 8Page - Microchip Technology MCP1541 Datasheet HTML 9Page - Microchip Technology MCP1541 Datasheet HTML 10Page - Microchip Technology MCP1541 Datasheet HTML 11Page - Microchip Technology MCP1541 Datasheet HTML 12Page - Microchip Technology MCP1541 Datasheet HTML 13Page - Microchip Technology MCP1541 Datasheet HTML 14Page - Microchip Technology MCP1541 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21653C-page 11
MCP1525/41
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
3-Lead TO-92 (Leaded)
3-Lead SOT-23-3
XXXXXX
XXXXXX
XXYYWW
NNN
XXNN
Example:
Example:
MCP
1525I
TO0544
256
VA25
Device
I-Temp
Code
MCP1525
VANN
MCP1541
VBNN
Note:
Applies to 3-Lead SOT-23.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3-Lead TO-92 (Lead Free)
XXXXXX
XXXXXX
XXXXXX
YWWNNN
Example:
MCP
1525I
TO^^
544256
3
e
21653C.book Page 11 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com