Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9944 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9944
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9944 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9944 Datasheet HTML 3Page - Analog Devices AD9944 Datasheet HTML 4Page - Analog Devices AD9944 Datasheet HTML 5Page - Analog Devices AD9944 Datasheet HTML 6Page - Analog Devices AD9944 Datasheet HTML 7Page - Analog Devices AD9944 Datasheet HTML 8Page - Analog Devices AD9944 Datasheet HTML 9Page - Analog Devices AD9944 Datasheet HTML 10Page - Analog Devices AD9944 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9943/AD9944
Rev. B | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter (With Respect To)
Min
Max
Unit
AVDD (AVSS)
−0.3
+3.9
V
DVDD (DVSS)
−0.3
+3.9
V
DRVDD (DRVSS)
−0.3
+3.9
V
Digital Outputs (DRVSS)
−0.3
DRVDD + 0.3
V
SHP, SHD, DATACLK (DVSS)
−0.3
DVDD + 0.3
V
CLPOB, PBLK (DVSS)
−0.3
DVDD + 0.3
V
SCK, SL, SDATA DVSS (AVSS)
−0.3
DVDD + 0.3
V
REFT, REFB, CCDIN
−0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
The thermal resistance of a 32-Lead LFCSP package
(with the exposed bottom pad soldered to the board GND)
is θJA = 27.7°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com