Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9944 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9944
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9944 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9944 Datasheet HTML 12Page - Analog Devices AD9944 Datasheet HTML 13Page - Analog Devices AD9944 Datasheet HTML 14Page - Analog Devices AD9944 Datasheet HTML 15Page - Analog Devices AD9944 Datasheet HTML 16Page - Analog Devices AD9944 Datasheet HTML 17Page - Analog Devices AD9944 Datasheet HTML 18Page - Analog Devices AD9944 Datasheet HTML 19Page - Analog Devices AD9944 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD9943/AD9944
Rev. B | Page 16 of 20
A/D CONVERTER
The ADC uses a 2 V input range. Better noise performance
results from using a larger ADC full-scale range. The ADC uses
a pipelined architecture with a 2 V full-scale input for low noise
performance.
VARIABLE GAIN AMPLIFIER
The VGA stage provides a gain range of 6 dB to 40 dB,
programmable with 10-bit resolution through the serial digital
interface. The minimum gain of 6 dB is needed to match a 1 V
input signal with the ADC full-scale range of 2 V. A plot of the
VGA gain curve is shown in Figure 13.
()
(
)
dB
3
.
5
dB
035
.
0
dB
+
×
=
Code
VGA
Gain
VGA
VGA GAIN REGISTER MODE
42
12
383
127
0
30
255
36
34
18
6
511
639
767
895
1023
Figure 13. VGA Gain Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com