Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2140 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP2140
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP2140_13 Datasheet HTML 24Page - Microchip Technology MCP2140_13 Datasheet HTML 25Page - Microchip Technology MCP2140_13 Datasheet HTML 26Page - Microchip Technology MCP2140_13 Datasheet HTML 27Page - Microchip Technology MCP2140_13 Datasheet HTML 28Page - Microchip Technology MCP2140_13 Datasheet HTML 29Page - Microchip Technology MCP2140_13 Datasheet HTML 30Page - Microchip Technology MCP2140_13 Datasheet HTML 31Page - Microchip Technology MCP2140_13 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
MCP2140
DS21790B-page 28
Preliminary
 2003-2012 Microchip Technology Inc.
4.1
DC Characteristics (Continued)
DC Specifications
Electrical Characteristics:
Standard Operating Conditions (unless otherwise specified)
Operating temperature: -40°C
 TA  +85°C (industrial)
Operating voltage VDD range as described in DC spec Section 4.1.
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
Input Low Voltage
VIL
Input pins
D030
with TTL buffer
(TX, RI, DTR, RTS, and CD)
VSS
—
0.8V
V
4.5V
 VDD 5.5V
D030A
VSS
—
0.15 VDD
V
otherwise
D032
RESET
VSS
—
0.2 VDD
V
D033
OSC1
VSS
—
0.3 VDD
V
Input High Voltage
VIH
Input pins
—
D040
with TTL buffer
(TX, RI, DTR, RTS, and CD)
2.0
—
VDD
V
4.5V
 VDD 5.5V
D040A
0.25 VDD
+ 0.8
—
VDD
V
otherwise
D042
RESET
0.8 VDD
—
VDD
V
D043
OSC1
0.7 VDD
—
VDD
V
Input Leakage Current
(Notes 1, 2)
D060
IIL
Input pins
—
—
±1
µA
VSS
VPIN VDD, pin at 
high-impedance.
D061
RESET
—
—
±5
µA
VSS
VPIN VDD
D063
OSC1
—
—
±5
µA
VSS
VPIN VDD
Output Low Voltage
D080
VOL
TXIR, RX, DSR, and CTS pins
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V
D083
OSC2
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V
Output High Voltage (Note 2)
D090
VOH
TXIR, RX, DSR, and CTS pins
VDD - 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
D092
OSC2
VDD - 0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V
Capacitive Loading Specs on
Output Pins
D100
COSC2 OSC2 pin
—
—
15
pF
When external clock is
used to drive OSC1.
D101
CIO
All Input or Output pins
—
—
50
pF
Note 1: The leakage current on the RESET pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
2: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com