| Electronic Components Datasheet Search |
|
MCP2140 Datasheet(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2140 Datasheet(HTML) 51 Page - Microchip Technology |
|
51 / 58 page ![]() 2003-2012 Microchip Technology Inc. Preliminary DS21790B-page 51 MCP2140 C.2 Discovery Mode Discovery mode allows the Primary device to deter- mine the capabilities of the MCP2140 (Secondary device). Discovery mode is entered once the MCP2140 (Secondary device) has sent an XID response to the Primary device and the Primary device has completed sending the XIDs and then sends a Broadcast ID. If this sequence is not completed, then a Primary and Secondary device can stay in NDM indefinitely. When the Primary device has something to do, it initiates Discovery. Discovery has two parts. They are: • Link initialization • Resource determination The first step is for the Primary and Secondary devices to determine, and then adjust to, each other’s hardware capabilities. These capabilities are parameters like: • Data rate • Turn around time • Number of packets without a response • How long to wait before disconnecting Both the Primary and Secondary device begin commu- nications at 9600 baud, which is the default baud rate. The Primary device sends its parameters, then the Secondary device responds with its parameters. For example, if the Primary supports all data rates up to 115.2 kbaud and the Secondary device only supports 9.6 kbaud, the link will be established at 9.6 kbaud. Once the hardware parameters are established, the Primary device must determine if the Secondary device has the resources it requires. If the Primary device has a job to print, then it must know if it’s talking to a printer, not a modem or other device. This determination is made using the Information Access Service (IAS). The job of the Secondary device is to respond to IAS que- ries made by the Primary device. The Primary device must ask a series of questions like: • What is the name of your service? • What is the address of this service? • What are the capabilities of this device? When all the Primary device’s questions are answered, the Primary device can access the service provided by the Secondary device. C.3 Normal Connect Mode (NCM) Once discovery has been completed, the Primary device and Secondary device can freely exchange data. Both the Primary device and the Secondary device check to make sure that data packets are received by the other without errors. Even when data is required to be sent, the Primary and Secondary devices will still exchange packets to ensure that the connection hasn’t, unexpectedly, been dropped. When the Primary device has finished, it then transmits the close link command to the Secondary device. The Secondary device will confirm the close link command and both the Primary device and the Secondary device will revert to the NDM state. Note: The MCP2140 is limited to a data rate of 9.6 kbaud. Note: If the NCM mode is unexpectedly termi- nated for any reason (including the Primary device not issuing a close link command), the Secondary device will revert to the NDM state after a time delay (after the last frame has been received). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |