Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP87130 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP87130
Description  High-Speed N-Channel Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87130 Datasheet(HTML) 3 Page - Microchip Technology

  MCP87130 Datasheet HTML 1Page - Microchip Technology MCP87130 Datasheet HTML 2Page - Microchip Technology MCP87130 Datasheet HTML 3Page - Microchip Technology MCP87130 Datasheet HTML 4Page - Microchip Technology MCP87130 Datasheet HTML 5Page - Microchip Technology MCP87130 Datasheet HTML 6Page - Microchip Technology MCP87130 Datasheet HTML 7Page - Microchip Technology MCP87130 Datasheet HTML 8Page - Microchip Technology MCP87130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2013 Microchip Technology Inc.
DS25159A-page 3
MCP87130
Diode Characteristics
Diode Forward Voltage
VFD
—0.8
1
V
IS = 10A, VGS = 0V
Reverse Recovery Charge
QRR
—7
—
nC
IS = 10A, di/dt = 300 A/µs
Reverse Recovery Time
trr
—9.5
—
nS
IS = 10A, di/dt = 300 A/µs
Avalanche Characteristics
Avalanche Energy
EAS
4.5
—
—
mJ
ID = 3A, L = 1 mH,
RG = 25
TEMPERATURE CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-55
—
150
°C
Storage Temperature Range
TA
-55
—
150
°C
Package Thermal Resistances
Thermal Resistance Junction-to-X, 8L 5x6-PDFN
RθJX
——
56
°C/W
Note 1
Thermal Resistance Junction-to-Case, 8L 5x6-PDFN
RθJC
——
2.1
°C/W
Note 2
Thermal Resistance Junction-to-X, 8L 3.3x3.3-PDFN
RθJX
——
66
°C/W
Note 1
Thermal Resistance Junction-to-Case,
8L 3.3x3.3-PDFN
RθJC
——
3.5
°C/W
Note 2
Note 1:
RθJX is determined with the device surface mounted on a 4-Layer FR4 PCB, with a 1” x 1” mounting pad of
2 oz. copper. This characteristic is dependent on user’s board design.
2:
RθJC is determined using JEDEC 51-14 Method. This characteristic is determined by design.
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C
Parameters
Sym
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com