Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP87130 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP87130
Description  High-Speed N-Channel Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87130 Datasheet(HTML) 4 Page - Microchip Technology

  MCP87130 Datasheet HTML 1Page - Microchip Technology MCP87130 Datasheet HTML 2Page - Microchip Technology MCP87130 Datasheet HTML 3Page - Microchip Technology MCP87130 Datasheet HTML 4Page - Microchip Technology MCP87130 Datasheet HTML 5Page - Microchip Technology MCP87130 Datasheet HTML 6Page - Microchip Technology MCP87130 Datasheet HTML 7Page - Microchip Technology MCP87130 Datasheet HTML 8Page - Microchip Technology MCP87130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MCP87130
DS25159A-page 4
 2013 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, TA = +25°C.
FIGURE 2-1:
Typical Output
Characteristics.
FIGURE 2-2:
Typical Transfer
Characteristics.
FIGURE 2-3:
On Resistance vs. Gate-to-
Source Voltage.
FIGURE 2-4:
Normalized On Resistance
vs. Temperature.
FIGURE 2-5:
Gate-to-Source Voltage vs.
Gate Charge.
FIGURE 2-6:
Capacitance vs. Drain-to-
Source Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
20
30
40
V
GS = 3V
V
GS = 10V
V
GS = 4.5V
0
10
0.0
1.0
2.0
3.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 2.5V
20
30
40
T
C = +25°C
V
DS = 5V
0
10
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
V
GS - Gate-to-Source Voltage (V)
T
C = +125°C
T
C = -55°C
16
18
20
22
24
26
T
C = +125°C
I
D = 10A
10
12
14
02468
10
V
GS - Gate-to-Source Voltage (V)
T
C = +25°C
1
1.2
1.4
1.6
1.8
I
D = 10A
V
GS = 4.5V
0.4
0.6
0.8
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
C - Case Temperature (°C)
4
5
6
7
8
9
10
I
D = 10A
V
DS = 5V
V
DS = 12.5V
0
1
2
3
02468
10
12
Q
G - Gate Charge (nC)
0.3
0.4
0.5
0.6
0.7
0.8
C
ISS
f= 1 MHz
V
GS = 0V
0
0.1
0.2
0
5
10
15
20
V
DS - Drain-to-Source Voltage (V)
C
OSS
C
RSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com